Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1050708 Datasheet(PDF) 2 Page - SICK AG

Part # 1050708
Description  PHOTOELECTRIC SENSORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1050708 Datasheet(HTML) 2 Page - SICK AG

  1050708 Datasheet HTML 1Page - SICK AG 1050708 Datasheet HTML 2Page - SICK AG 1050708 Datasheet HTML 3Page - SICK AG 1050708 Datasheet HTML 4Page - SICK AG 1050708 Datasheet HTML 5Page - SICK AG 1050708 Datasheet HTML 6Page - SICK AG 1050708 Datasheet HTML 7Page - SICK AG 1050708 Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
GL6-P1111 | G6
PHOTOELECTRIC SENSORS
Illustration may differ
Ordering information
Type
Part no.
GL6-P1111
1050708
Other models and accessories
www.sick.com/G6
Detailed technical data
Features
Sensor/ detection principle
Photoelectric retro-reflective sensor, Dual lens
Dimensions (W x H x D)
12 mm x 31.5 mm x 21 mm
Housing design (light emission)
Rectangular
Sensing range max.
≤ 6 m 1)
Sensing range
≤ 5 m 1)
Type of light
Visible red light
Light source
PinPoint LED 2)
Light spot size (distance)
Ø 8 mm (350 mm)
Wave length
650 nm
Adjustment
None
1) Reflector PL80A.
2) Average service life: 100,000 h at TU = +25 °C.
Mechanics/electronics
Supply voltage
10 V DC ... 30 V DC 1)
1) Limit values when operated in short-circuit protected network: max. 8 A.
2) May not exceed or fall below Uv tolerances.
3) Without load.
4) At Uv > 24 V, IA max. = 50 mA.
5) Signal transit time with resistive load.
6) With light/dark ratio 1:1.
7) Do not bend below 0 °C.
8) A = VS connections reverse-polarity protected.
9) B = inputs and output reverse-polarity protected.
10) D = outputs overcurrent and short-circuit protected.
11) Temperature stability following adjustment +/-10 °C.
2
PHOTOELECTRIC SENSORS | SICK
Online data sheet | 2017-12-07 19:30:42
Subject to change without notice



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com