Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1050708 Datasheet(PDF) 5 Page - SICK AG

Part # 1050708
Description  PHOTOELECTRIC SENSORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1050708 Datasheet(HTML) 5 Page - SICK AG

  1050708 Datasheet HTML 1Page - SICK AG 1050708 Datasheet HTML 2Page - SICK AG 1050708 Datasheet HTML 3Page - SICK AG 1050708 Datasheet HTML 4Page - SICK AG 1050708 Datasheet HTML 5Page - SICK AG 1050708 Datasheet HTML 6Page - SICK AG 1050708 Datasheet HTML 7Page - SICK AG 1050708 Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
GL6-P1111 | G6
PHOTOELECTRIC SENSORS
Characteristic curve
GL6
1
10
100
Operating reserve
2
(6.56)
3
(9.84)
4
(13.12)
5
(16.4)
1
(3.28)
Ope-
rating-
range
1
2
3
4
5
6
(19.69)
Distance in m (feet)
Sensing range
max. typ.
①  Reflector PL80A
②  Reflector PL40A
③  Reflector P250
④  Reflector PL20A
⑤  Reflective tape REF-IRF-56
Light spot size
GL6, GL6G
Ø 8 mm
Ø 25 mm
Ø 80 mm
Ø 130 mm
Distance [m]
3.0
5.0
1.0
0.35
2017-12-07 19:30:42 | Online data sheet
Subject to change without notice
PHOTOELECTRIC SENSORS | SICK
5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com