Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1050708 Datasheet(PDF) 3 Page - SICK AG

Part # 1050708
Description  PHOTOELECTRIC SENSORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1050708 Datasheet(HTML) 3 Page - SICK AG

  1050708 Datasheet HTML 1Page - SICK AG 1050708 Datasheet HTML 2Page - SICK AG 1050708 Datasheet HTML 3Page - SICK AG 1050708 Datasheet HTML 4Page - SICK AG 1050708 Datasheet HTML 5Page - SICK AG 1050708 Datasheet HTML 6Page - SICK AG 1050708 Datasheet HTML 7Page - SICK AG 1050708 Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
GL6-P1111 | G6
PHOTOELECTRIC SENSORS
Ripple
± 10 % 2)
Power consumption
≤ 30 mA 3)
Switching output
PNP
Switching mode
Light/dark switching
Switching mode selector
Selectable via light/dark selector
Signal voltage PNP HIGH/LOW
VS - (≤ 3 V) / approx. 0 V
Output current Imax.
≤ 100 mA 4)
Response time
< 625 µs 5)
Switching frequency
1,000 Hz 6)
Connection type
Cable, 3-wire, 2 m 7)
Cable material
PVC
Conductor cross-section
0.14 mm²
Circuit protection
A 8)
B 9)
D 10)
Protection class
III
Weight
60 g
Polarisation filter
✔
Housing material
Plastic, ABS/PC
Optics material
Plastic, PMMA
Enclosure rating
IP67
Ambient operating temperature
–25 °C ... +55 °C 11)
Ambient storage temperature
–40 °C ... +70 °C
UL File No.
NRKH.E348498 & NRKH7.E348498
1) Limit values when operated in short-circuit protected network: max. 8 A.
2) May not exceed or fall below Uv tolerances.
3) Without load.
4) At Uv > 24 V, IA max. = 50 mA.
5) Signal transit time with resistive load.
6) With light/dark ratio 1:1.
7) Do not bend below 0 °C.
8) A = VS connections reverse-polarity protected.
9) B = inputs and output reverse-polarity protected.
10) D = outputs overcurrent and short-circuit protected.
11) Temperature stability following adjustment +/-10 °C.
Classifications
ECl@ss 5.0
27270902
ECl@ss 5.1.4
27270902
ECl@ss 6.0
27270902
ECl@ss 6.2
27270902
ECl@ss 7.0
27270902
ECl@ss 8.0
27270902
ECl@ss 8.1
27270902
2017-12-07 19:30:42 | Online data sheet
Subject to change without notice
PHOTOELECTRIC SENSORS | SICK
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com