Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1050708 Datasheet(PDF) 6 Page - SICK AG

Part # 1050708
Description  PHOTOELECTRIC SENSORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1050708 Datasheet(HTML) 6 Page - SICK AG

  1050708 Datasheet HTML 1Page - SICK AG 1050708 Datasheet HTML 2Page - SICK AG 1050708 Datasheet HTML 3Page - SICK AG 1050708 Datasheet HTML 4Page - SICK AG 1050708 Datasheet HTML 5Page - SICK AG 1050708 Datasheet HTML 6Page - SICK AG 1050708 Datasheet HTML 7Page - SICK AG 1050708 Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
GL6-P1111 | G6
PHOTOELECTRIC SENSORS
Sensing range diagram
GL6, GL6G
0
6
(19.69)
8
(26.25)
1
2
3
4
5
6.0
4.3
3.8
2.5
2.2
1.8
1.6
4.0
3.5
5.0
0.03
0.07
Sensing range
Sensing range max.
0.03
0.07
0.03
0.07
0.03
0.07
0.2
0.25
4
(13.12)
Distance in m (feet)
2
(6.56)
①  Reflector PL80A
②  Reflector PL40A
③  Reflector P250
④  Reflector PL20A
⑤  Reflective tape REF-IRF-56
Dimensional drawing (Dimensions in mm (inch))
1
2
18.3
(0.72)
21 (0.83)
0.5 (0.02)
9.7
(0.38)
3 (0.12)
3
3
4
5
12
(0.47)
①  Optical axis, receiver
②  Optical axis, sender
③  Mounting holes M3
④  LED indicator green: Supply voltage active
⑤  LED indicator yellow: Status of received light beam
Recommended accessories
Other models and accessories
www.sick.com/G6
Brief description
Type
Part no.
Universal bar clamp systems
Clamp bar to fix G6 sensors on rods of 10 mm, clamp-on design up to 4 mm wall thick-
ness, aluminum (clamp bar), stainless steel (bracket), clamp bar for 10 mm rod mount-
ing and clamp function, mounting bracket, mounting hardware
BEF-KHS-ISG6
2075080
Device protection (mechanical)
Stainless steel 1.4301 (SVS 304), 3 mm thick protective sleeve for G6, stainless steel
1.4301, mounting hardware included
BEF-SG-G6
2069044
6
PHOTOELECTRIC SENSORS | SICK
Online data sheet | 2017-12-07 19:30:42
Subject to change without notice



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com