Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES4427 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # ES4427
Description  Web/DVD Set-Top Box Solution
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ES4427 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  ES4427 Datasheet HTML 1Page - List of Unclassifed Manufacturers ES4427 Datasheet HTML 2Page - List of Unclassifed Manufacturers ES4427 Datasheet HTML 3Page - List of Unclassifed Manufacturers ES4427 Datasheet HTML 4Page - List of Unclassifed Manufacturers ES4427 Datasheet HTML 5Page - List of Unclassifed Manufacturers ES4427 Datasheet HTML 6Page - List of Unclassifed Manufacturers ES4427 Datasheet HTML 7Page - List of Unclassifed Manufacturers ES4427 Datasheet HTML 8Page - List of Unclassifed Manufacturers ES4427 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
SAM0358-052201
ESS Technology, Inc.
ES4428/ES4427 PRODUCT BRIEF
ES4428 PIN DESCRIPTION
Table 1 lists the pin descriptions for the ES4428.
Table 1
ES4428 Pin Descriptions
Name
Number
I/O
Definition
VCC
1, 9, 18, 27, 35, 44, 51,
59, 68, 75, 83, 92, 99,
104, 111, 121, 130, 139,
148, 157, 164, 172, 183,
193, 201
I
3.3V power supply.
VSS
8, 17, 26, 34, 43, 52, 60,
67, 76, 84, 91, 98, 103,
112, 120, 129, 138, 147,
156, 163, 171, 177, 184,
192, 200, 208
I
Ground.
LA[21:0]
23:19,16:10,7:2,207:204
O
Device address output.
RESET#
24
I
Reset.
TDMDX
25
O
TDM transmit data output.
RSEL
I
ROM Select.
TDMDR
28
I
TDM receive data input.
TDMCLK
29
I
TDM clock input.
TDMFS
30
I
TDM frame sync.
TDMTSC#
31
O
TDM output enable.
TWS
32
O
Audio transmit frame sync output.
SEL_PLL1
System and DSCK output clock frequency selection at reset time. The matrix
below lists the available clock frequencies and their respective PLL bit
settings..
TSD
33
O
Audio transmit serial data output.
SEL_PLL0
I
Refer to the description and matrix for SEL_PLL1 pin 32.
SEL_PLL2
36
I
Refer to the description and matrix for SEL_PLL1 pin 32.
NC
37, 38, 41, 42, 146:142,
155:149, 158, 203:202
—
No connect. Leave open.
MCLK
39
I/O
Audio master clock for audio DAC.
TBCK
40
I/O
Audio transmit bit clock output.
RSD
45
I
Audio receive serial data input.
RWS
46
I
Audio receive frame sync input.
RBCK
47
I
Audio receive bit clock input.
APLLCAP
48
I
Analog PLL capacitor input.
RSEL
Selection
0
16-bit ROM
1
8-bit ROM
SEL_PLL2
SEL_PLL1
SEL_PLL0
Clock Output
0
0
0
VCO doesn’t work.
00
1
27 MHz
0
1
0
Bypass mode
01
1
54 MHz
1
0
0
121.5 MHz
10
1
81 MHz
1
1
0
94.5 MHz
1
1
1
108 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com