Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES4427 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # ES4427
Description  Web/DVD Set-Top Box Solution
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ES4427 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  ES4427 Datasheet HTML 1Page - List of Unclassifed Manufacturers ES4427 Datasheet HTML 2Page - List of Unclassifed Manufacturers ES4427 Datasheet HTML 3Page - List of Unclassifed Manufacturers ES4427 Datasheet HTML 4Page - List of Unclassifed Manufacturers ES4427 Datasheet HTML 5Page - List of Unclassifed Manufacturers ES4427 Datasheet HTML 6Page - List of Unclassifed Manufacturers ES4427 Datasheet HTML 7Page - List of Unclassifed Manufacturers ES4427 Datasheet HTML 8Page - List of Unclassifed Manufacturers ES4427 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
SAM0358-052201
ESS Technology, Inc.
ES4428/ES4427 PRODUCT BRIEF
Name
Number
I/O
Definition
XIN
49
I
Crystal input.
XOUT
50
O
Crystal output.
DMA[11:0]
66:61, 58:53
O
DRAM address bus [11:0].
DCAS#
69
O
DRAM column address strobe.
DOE#
70
O
DRAM output enable.
DSCK_EN
O
DRAM clock enable.
DWE#
71
O
DRAM write enable.
DRAS0#
72
O
DRAM row address strobe 0.
DRAS1#
73
O
DRAM row address strobe 1 (active-low).
DBANKSEL1
O
DRAM address bus select 1 output. Only active in 64Mb SDRAM mode.
DRAS2#
74
O
DRAM row address strobe 2 output.
DBANKSEL0
O
DRAM address bus select 0 output. Only active in 64Mb SDRAM mode.
DB[15:0]
96:93, 90:85, 82:77
I/O
DRAM data bus [15:0].
DCS[1:0]#
97, 100
O
SDRAM chip select [1:0].
DQM
101
O
Data input/output mask.
DSCK
102
O
Output clock to SDRAM.
DCLK
105
I
27 MHz clock input to PLL.
YUV[7:0]
115:113, 110:106
O
8-bit YUV output.
PCLK2XSCN
116
I/O
2X pixel clock.
PCLKQSCN
117
I/O
Pixel clock.
VSYNC#
118
I/O
Vertical sync.
HSYNC#
119
I/O
Horizontal sync.
HD[15:0]
141:140, 137:131,
128:122
I/O
Host data bus
VPP
159
I
5.0V power supply.
AUX[7:0]
169:165,162:160
I/O
Auxiliary ports.
LOE#
170
O
EPROM device output enable.
LCS[3:0]#
176:173
O
EPROM chip select [3:0].
LD[15:0]
197:194, 191:185,
182:178
I/O
EPROM device data bus.
LWRLL#
198
O
Device write enable.
LWRHL#
199
O
Device write enable (active-low).
Table 1
ES4428 Pin Descriptions (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com