Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES4427 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # ES4427
Description  Web/DVD Set-Top Box Solution
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ES4427 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  ES4427 Datasheet HTML 1Page - List of Unclassifed Manufacturers ES4427 Datasheet HTML 2Page - List of Unclassifed Manufacturers ES4427 Datasheet HTML 3Page - List of Unclassifed Manufacturers ES4427 Datasheet HTML 4Page - List of Unclassifed Manufacturers ES4427 Datasheet HTML 5Page - List of Unclassifed Manufacturers ES4427 Datasheet HTML 6Page - List of Unclassifed Manufacturers ES4427 Datasheet HTML 7Page - List of Unclassifed Manufacturers ES4427 Datasheet HTML 8Page - List of Unclassifed Manufacturers ES4427 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
SAM0358-052201
ESS Technology, Inc.
ES4428/ES4427 PRODUCT BRIEF
ES4427 PINOUT
Figure 2 shows the ES4427 device pinout.
Figure 2 ES4427 Device Pinout
ES4427 PIN DESCRIPTION
Table 2 lists the pin descriptions for the ES4427.
1
MIC1
MIC2
AOL+
AOL-
AOR-
AOR+
VCCAA
VREFP
VCM
VSSAA
AUX15/IR
AUX14
AUX13
RBCK/SER_IN
AUX12/C2PO
AUX11/IRQ
AUX10
RSD/SEL_PLL0
VCC
VSS
DSC_D7
HSYN_B
DSC_D6
VSYN_B
DSC_D5
YUV7
YUV6
YUV5
YUV4
VCC
VSS
YUV3
DSC_D4
YUV2
DSC_D3
YUV1
DSC_D2
YUV0
DSC_D1
VSS
31
30
51
50
80
81
100
2
3
4
5
6
7
8
9
10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
97
98
99
ES4427
100-pin PQFP
Table 2
ES4427 Pin Descriptions
Name
Number
I/O
Definition
VSS
1, 25:26, 31, 72,
75, 77, 91, 100
I
Ground.
NC
2:4, 27:30, 76
No connect.
VCC
5, 16, 32, 66, 73, 78, 90
I
5.0V power supply.
DSC_C
6
I
Clock for programming to access internal registers.
AUX0
7
I/O
General purpose I/O.
DSC_D[7:0]
8, 81, 83, 85,
93, 95, 97, 99
I/O
Data for programming to access internal registers.
AUX1
9
I/O
General purpose I/O.
DSC_S
10
I
Strobe for programming to access internal registers.
AUX2
11
I/O
General purpose I/O.
DCLK
12
O
MPEG decoder output clock.
EXT_CLK
I
EXT_CLK is the external clock EXT_CLK is an input during bypass PLL mode.
RESET#
13
I
Reset.
AUX7
14
I/O
General purpose I/O.
MUTE
15
O
Audio mute.
MCLK
17
I
Audio master clock.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com