Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES4427 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # ES4427
Description  Web/DVD Set-Top Box Solution
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ES4427 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button ES4427 Datasheet HTML 2Page - List of Unclassifed Manufacturers ES4427 Datasheet HTML 3Page - List of Unclassifed Manufacturers ES4427 Datasheet HTML 4Page - List of Unclassifed Manufacturers ES4427 Datasheet HTML 5Page - List of Unclassifed Manufacturers ES4427 Datasheet HTML 6Page - List of Unclassifed Manufacturers ES4427 Datasheet HTML 7Page - List of Unclassifed Manufacturers ES4427 Datasheet HTML 8Page - List of Unclassifed Manufacturers ES4427 Datasheet HTML 9Page - List of Unclassifed Manufacturers ES4427 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
ESS Technology, Inc.
SAM0358-052201
9
ES4428/ES4427 PRODUCT BRIEF
MECHANICAL DIMENSIONS, ES4427
Figure 5 shows the mechanical dimensions of the ES4427.
Figure 5 ES4427 Mechanical Dimensions
Symbol
Description
Millimeters
Min
Nom
Max
D
Lead to lead, X-axis
23.65
23.90
24.15
D1
Package’s outside, X-axis
19.90
20.00
20.10
E
Lead to lead, Y-axis
17.65
17.90
18.15
E1
Package’s outside, Y-axis
13.90
14.00
14.10
A1
Board standoff
0.10
0.25
0.36
A2
Package thickness
2.57
2.71
2.87
b
Lead width
0.20
0.30
0.40
e
Lead pitch
-0.65
-
e1
Lead gap
0.24
-
-
L
Foot length
0.65
0.80
0.95
L1
Lead length
1.88
1.95
2.02
-
Foot angle
-
-
Coplanarity
-
-
0.102
-
Leads in X-axis
-30
-
-
Leads in Y-axis
-20
-
-
Total leads
-100
-
-
Package type
-PQFP
-
A2
A1
L
b
e
e1
L1
D1
D
E1
E
ES4427
100-Pin PQFP
1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com