Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS1610 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # FS1610
Description  STANDARD SCR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FS1610 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  FS1610 Datasheet HTML 1Page - List of Unclassifed Manufacturers FS1610 Datasheet HTML 2Page - List of Unclassifed Manufacturers FS1610 Datasheet HTML 3Page - List of Unclassifed Manufacturers FS1610 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Dec - 02
FS16...H
STANDARD SCR
1.0
K = [Zth(j-c) / Rth (j-c)]
Fig. 3: Relative variation of thermal impedance
junction to case versus pulse duration.
1E-3
1E-2
1E-1
1E+0
tp (s)
0.5
0.2
0.1
IT(av)(A)
Fig. 1: Maximum average power dissipation
versus average on-state current.
0
25
50
75
100
125
Fig. 2: Average and D.C. on-state current
versus case temperature.
P (W)
Tc (ºC)
IT(av)(A)
0
2
4
6
8
0
2
4
6
8
10
12
14
16
0
4
8
12
16
1
3
5
7
9
2
6
10
14
18
10
IGT, IH, IL (Tj) / IGR, IH, IL (Tj = 25 ºC)
Fig. 4: Relative variation of gate trigger
current , holding current and latching
current versus junction temperature.
Tj (ºC)
2.5
2.0
1.5
1.0
0.5
0.0
-40 -20
20
60
80 100
0
40
120 140
IGT
1
10
100
1000
Fig. 5: Surge peak on-state current versus
number of cycles.
200
150
100
50
0
I TSM (A)
Number of cycles
1000
ITSM(A). I2t (A2s)
Fig. 7: Non repetitive surge peak on-state
current for a sinusoidal pulse with width:
tp < 10 ms, and corresponding value of I2t.
tp(ms)
100
10
ITSM
I2 t
Tj initial = 25 ºC
1
10
IH & IL



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com