Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS1610 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # FS1610
Description  STANDARD SCR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FS1610 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  FS1610 Datasheet HTML 1Page - List of Unclassifed Manufacturers FS1610 Datasheet HTML 2Page - List of Unclassifed Manufacturers FS1610 Datasheet HTML 3Page - List of Unclassifed Manufacturers FS1610 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Dec - 02
FS16...H
STANDARD SCR
PACKAGE MECHANICAL DATA
TO-220AB
A
a1
a2
B
b1
b2
C
c1
c2
e
F
I
I4
L
I2
I3
M
REF.
DIMENSIONS
Milimeters
Min.
Nominal
Max.
15.20
13.00
10.00
0.61
1.23
4.40
0.49
2.40
2.40
6.20
3.75
15.80
2.65
1.14
1.14
3.75
16.40
2.60
15.90
14.00
10.40
0.88
1.32
4.60
0.70
2.72
2.70
6.60
3.85
16.80
2.95
1.70
1.70
14
a1
L
A
e
a2
b1
12
13
øI
B
c
F
b2
c2
c1
M
0
0.5 1.0 1.5 2.0 2.5 3.0 3.5
Fig. 8: On-state characteristics (maximum
values).
ITM(A)
4.0
1000
VTM(V)
4.5
100
10
1
5.0
Tj = 25 ºC
Tj = Tj max.
Tj max
Vto = 0.77 V
Rt = 23 m
Ω



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com