Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS1610 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FS1610
Description  STANDARD SCR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FS1610 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FS1610 Datasheet HTML 1Page - List of Unclassifed Manufacturers FS1610 Datasheet HTML 2Page - List of Unclassifed Manufacturers FS1610 Datasheet HTML 3Page - List of Unclassifed Manufacturers FS1610 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
On-State Current
16 Amp
FS16...H
STANDARD SCR
These series of Silicon Controlled
R ectifier use a high performance
PNPN technology.
These parts are intended for general
purpose high current applications where
moderate gate insensitivity is required.
Dec - 02
Absolute Maximum Ratings, according to IEC publication No. 134
On-state Current
Average On-state Current
Non-repetitive On-State Current
Non-repetitive On-State Current
Fusing Current
Peak Reverse Gate Voltage
Peak Gate Current
Peak Gate Dissipation
Gate Dissipation
Operating Temperature
Storage Temperature
Soldering Temperature
IT(RMS)
PARAMETER
CONDITIONS
Min.
Max.
Unit
Gate Trigger Current
> 2 mA to < 40 mA
Off-State Voltage
200 V ÷ 600 V
SYMBOL
IT(AV)
ITSM
ITSM
I2t
VGRM
IGM
PGM
PG(AV)
Tj
Tstg
Tsld
180º Conduction Angle, Tc = 110 ºC
Half Cycle,
Θ = 180 º, T
C = 110 ºC
Half Cycle, 60 Hz
Half Cycle, 50 Hz
tp = 10ms, Half Cycle
IGR = 10 µA
20 µs max.
20 µs max.
20ms max.
10s max.
-40
-40
A
A
A
A
A2s
V
A
W
W
ºC
ºC
ºC
16
10
200
190
180
5
4
10
1
+125
+150
260
TO220-AB
K
A
G
Repetitive Peak Off State
Voltage
PARAMETER
CONDITIONS
VOLTAGE
Unit
SYMBOL
VDRM
VRRM
RGK = 1 K
Ω
B
200
V
D
400
M
600


Similar Part No. - FS1610

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
FS16 GOOD-ARK-FS16 Datasheet
400Kb / 4P
Surface Mount Schottky Rectifier
logo
First Silicon Co., Ltd
FS16 FS-FS16 Datasheet
280Kb / 2P
Schottky Rectifier
logo
TRIAD MAGNETICS
FS16-070 TRIAD-FS16-070 Datasheet
47Kb / 1P
FS16-070
logo
List of Unclassifed Man...
FS16-070 ETC2-FS16-070 Datasheet
136Kb / 2P
Power Transformers
logo
TRIAD MAGNETICS
FS16-070-C2 TRIAD-FS16-070-C2 Datasheet
56Kb / 1P
CLASS 2/3 TRANSFORMER
More results

Similar Description - FS1610

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTW69 STMICROELECTRONICS-BTW69 Datasheet
74Kb / 5P
SCR
Mar-1995
TN1215-600B STMICROELECTRONICS-TN1215-600B Datasheet
85Kb / 5P
STANDARD SCR
Sep-1998
logo
International Rectifier
IRKT250-16 IRF-IRKT250-16 Datasheet
157Kb / 6P
SCR / SCR and SCR / DIODE
logo
STMicroelectronics
TN1515-600B STMICROELECTRONICS-TN1515-600B Datasheet
94Kb / 7P
15 A standard SCR
11-Jul-2007
logo
Vishay Siliconix
VS-VSK170PBF VISHAY-VS-VSK170PBF Datasheet
323Kb / 13P
SCR/SCR and SCR/Diode
17-Jul-14
VS-VSKT230-16 VISHAY-VS-VSKT230-16 Datasheet
218Kb / 10P
SCR/SCR and SCR/Diode
17-Jul-14
logo
Kemet Corporation
SCR38-130-S1R4A015J KEMET-SCR38-130-S1R4A015J Datasheet
413Kb / 6P
Common Mode SCR Coils, Standard Series
logo
STMicroelectronics
TN2540-12G STMICROELECTRONICS-TN2540-12G Datasheet
216Kb / 10P
Standard SCR, D²PAK, 25 A, 1200 V
DS12791 - Rev 1 - October 2018
TN4050-12PI STMICROELECTRONICS-TN4050-12PI Datasheet
203Kb / 11P
40 A, 1200 V standard SCR
DS12925 - Rev 1 - February 2019
TN6050-12PI STMICROELECTRONICS-TN6050-12PI Datasheet
203Kb / 11P
60 A, 1200 V standard SCR
DS12874 - Rev 1 - December 2018
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com