Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS1610 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # FS1610
Description  STANDARD SCR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FS1610 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  FS1610 Datasheet HTML 1Page - List of Unclassifed Manufacturers FS1610 Datasheet HTML 2Page - List of Unclassifed Manufacturers FS1610 Datasheet HTML 3Page - List of Unclassifed Manufacturers FS1610 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
FS16...H
STANDARD SCR
Dec - 02
Electrical Characteristics
Gate Trigger Current
Off-State Leakage Current
On-state Voltage
Gate Trigger Voltage
Gate Non Trigger Voltage
Holding Current
PARAMETER
CONDITIONS
SENSITIVITY
Unit
SYMBOL
IGT
IDRM
VD = 12 VDC , RL = 33
Ω. T
j = 25 ºC
mA
10
2
25
2
5
1.6
1.3
0.2
mA
µA
V
V
V
MIN
MAX
MAX
MAX
MAX
MAX
MIN
50
60
MAX
/ IRRM
VTM
VGT
VGD
IH
di / dt
Rth(j-a)
Critical Rate of Current Rise
Thermal Resistance
Junction-Amb
ºC/W
VD = VDRM , RGK = 220
Ω T
j = 125 ºC
Tj = 25 ºC
VR = VRRM ,
at IT = 32 Amp, tp = 380 µs, Tj = 25 ºC
IT = 500 mA , Gate open,
PART NUMBER INFORMATION
VD = 12 VDC , RL = 33
Ω, T
j = 25 ºC
VD = VDRM ,
RL = 3.3K
Tj = 125 ºC
mA
MIN
A/µs
FAGOR
SCR
CURRENT
CASE
VOLTAGE
SENSITIVITY
F
S
16
10
B
H
00
FORMING
TU
PACKAGING
Rd
Tj = 125 ºC
Rd
Dynamic resistance
MAX
23
m
14
4
40
40
MAX
IL
mA
60
Latching Current
IG = 1.2 IGT
V/µs
dv / dt
Critical Rate of Voltage Rise
VD = 0.67 x VDRM , Gate open
MIN
500
1.1
Rth(j-c)
Thermal Resistance
Junction-Case for DC
ºC/W
Vt0
Tj = 125 ºC
Threshold Voltage
MAX
0.77
V
Tr
≤ 100 ns, F = 60 Hz,
Tj = 125 ºC
IG = 2 x IGT
Tj = 25 ºC
Tj = 125 ºC
50
90
1000



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com