Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IX6R11S3 Datasheet(PDF) 3 Page - IXYS Corporation

Part # IX6R11S3
Description  6A Half-Bridge Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IX6R11S3 Datasheet(HTML) 3 Page - IXYS Corporation

  IX6R11S3 Datasheet HTML 1Page - IXYS Corporation IX6R11S3 Datasheet HTML 2Page - IXYS Corporation IX6R11S3 Datasheet HTML 3Page - IXYS Corporation IX6R11S3 Datasheet HTML 4Page - IXYS Corporation IX6R11S3 Datasheet HTML 5Page - IXYS Corporation IX6R11S3 Datasheet HTML 6Page - IXYS Corporation IX6R11S3 Datasheet HTML 7Page - IXYS Corporation IX6R11S3 Datasheet HTML 8Page - IXYS Corporation IX6R11S3 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
IX6R11
Symbol
Definition
Min
Max
Units
V
CH
High side floating supply voltage
-25
650
V
V
HS
High side floating supply offset voltage
V
CH-200
V
CH+.3
V
V
HGO
High side floating output voltage
V
HS-.3
V
CH+.3
V
V
CL
Low side fixed supply voltage
-0.3
35
V
V
LGO
Low side output voltage
-0.3
V
CL+.3
V
V
DD
Logic supply voltage
-0.3
V
DG+35
V
V
DG
Logic supply offset voltage
V
LS-3.8
V
LS+3.8
V
V
IN
Logic input voltage(HIN & LIN)
V
SS-.3
V
DD+.3
V
dV
S/dt
Allowable offset supply voltage transient
50
V/ns
P
D
Package power dissipation@ T
A ≤ 25C
(IX6R11S3/P7)
1.25
W
(IX6R11S6)
1.4
W
P
D
Package power dissipation@ T
C ≤ 25C
(IX6R11S3/P7)
2.5
W
(IX6R11S6)
31
W
R
THJA
Thermal resistance, junction-to-ambient (IX6R11S3/P7)
100
K/W
(IX6R11S6)
90
K/W
R
THJc
Thermal resistance, junction-to-case
(IX6R11S3/P7)
50
K/W
(IX6R11S6)
4
K/W
T
J
Junction Temperature
150
o
C
T
S
Storage temperature
-55
150
o
C
T
L
Lead temperature (soldering, 10 s)
300
o
C
Absolute Maximum Ratings
Symbol
Definition
Min
Max
Units
V
CH
High side floating supply absolute voltage V
HS+10
V
HS+20
V
V
HS
High side floating supply offset voltage
-20
650
V
V
HGO
High side floating output voltage
V
HS
V
CH+20
V
V
CL
Low side fixed supply voltage
10
20
V
V
LGO
Low side output voltage
0
V
CC
V
V
DD
Logic supply voltage
V
DG+3
V
DG+20
V
V
DG
Logic supply voffset voltage
V
LS-1
V
LS+1
V
V
IN
Logic input voltage(HIN, LIN, ENbar)
V
DG
V
DD
V
T
A
Ambient Temperature
-40
125
o
C
Recommended Operating Conditions
Ordering Information
Part Number
Package Type
IX6R11P7
14-PIN DIP
IX6R11S3
16-PIN SOIC
IX6R11S6
18-PIN SOIC-CT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com