Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IX6R11S3 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IX6R11S3
Description  6A Half-Bridge Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IX6R11S3 Datasheet(HTML) 1 Page - IXYS Corporation

  IX6R11S3 Datasheet HTML 1Page - IXYS Corporation IX6R11S3 Datasheet HTML 2Page - IXYS Corporation IX6R11S3 Datasheet HTML 3Page - IXYS Corporation IX6R11S3 Datasheet HTML 4Page - IXYS Corporation IX6R11S3 Datasheet HTML 5Page - IXYS Corporation IX6R11S3 Datasheet HTML 6Page - IXYS Corporation IX6R11S3 Datasheet HTML 7Page - IXYS Corporation IX6R11S3 Datasheet HTML 8Page - IXYS Corporation IX6R11S3 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Features
• Floating High Side Driver with boot-strap Power
supply along with a Low Side Driver.
• Fully operational to 650V
• ± 50V/ns dV/dt immunity
• Gate drive power supply range: 10 - 35V
• Undervoltage lockout for both output drivers
• Separate Logic power supply range: 3.3V to V
CL
• Built using the advantages and compatibility
of CMOS and IXYS HDMOSTM processes
• Latch-Up protected over entire
operating range
• High peak output current: 6A
• Matched propagation delay for both outputs
• Low output impedance
• Low power supply current
• Immune to negative voltage transients
IX6R11
First Release
Copyright © IXYS CORPORATION 2004
General Description
The IX6R11 Bridge Driver for N-channel MOSFETs and IGBTs
with a high side and low side output, whose input signals
reference the low side. The High Side driver can control a
MOSFET or IGBT connected to a positive buss voltage up to
650V. The logic input stages are compatible with TTL or
CMOS, have built-in hysteresis and are fully immune to latch
up over the entire operating range. The IX6R11 can withstand
dV/dt on the output side up to ± 50V/ns.
The IX6R11 comes in either the 14-PIN DIP package
(IX6R11P7), the 16-PIN SOIC package (IX6R11S3) or the 18-
PIN, heat sinkable, SOIC package (IX6R11S6).
Figure 1. Typical Circuit Connection
6A Half-Bridge Driver
Applications
• Driving MOSFETs and IGBTs in half-bridge circuits
• High voltage, high side and low side drivers
• Motor Controls
• Switch Mode Power Supplies (SMPS)
• DC to DC Converters
• Class D Switching Amplifiers
Warning: The IX6R11 is ESD sensitive.
99037C(08/04)


Similar Part No. - IX6R11S3

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
IX61G-A-10P HIROSE-IX61G-A-10P Datasheet
296Kb / 6P
Conforming to IEC Standard The Next-Generation Ethernet Connector for Industrial Equipment
IX61G-B-10P HIROSE-IX61G-B-10P Datasheet
296Kb / 6P
Conforming to IEC Standard The Next-Generation Ethernet Connector for Industrial Equipment
logo
IXYS Corporation
IX6610 IXYS-IX6610 Datasheet
2Mb / 23P
Transformer Coupled Driver Logic Interface
IX6610T IXYS-IX6610T Datasheet
2Mb / 23P
Transformer Coupled Driver Logic Interface
IX6610TR IXYS-IX6610TR Datasheet
2Mb / 23P
Transformer Coupled Driver Logic Interface
More results

Similar Description - IX6R11S3

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2608DSPBF IRF-IRS2608DSPBF_1 Datasheet
820Kb / 26P
HALF-BRIDGE DRIVER
IRS2609DSPBF IRF-IRS2609DSPBF_11 Datasheet
831Kb / 25P
HALF-BRIDGE DRIVER
IR25601SPBF IRF-IR25601SPBF Datasheet
520Kb / 11P
Half-Bridge Driver
IR25602SPBF IRF-IR25602SPBF Datasheet
1Mb / 18P
Half-Bridge Driver
IR2184STRPBF IRF-IR2184STRPBF Datasheet
294Kb / 24P
HALF-BRIDGE DRIVER
IR2304 IRF-IR2304 Datasheet
211Kb / 8P
HALF-BRIDGE DRIVER
IRS2103 IRF-IRS2103_15 Datasheet
1Mb / 14P
HALF-BRIDGE DRIVER
logo
HUAYI MICROELECTRONICS ...
HYD25050 HUAYI-HYD25050 Datasheet
1Mb / 9P
Half-Bridge Driver
logo
Infineon Technologies A...
IR2109 INFINEON-IR2109 Datasheet
357Kb / 25P
HALF-BRIDGE DRIVER
IR2111 INFINEON-IR2111 Datasheet
167Kb / 15P
HALF-BRIDGE DRIVER
Data Sheet No. PD60028-M
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com