Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IX6R11S3 Datasheet(PDF) 8 Page - IXYS Corporation

Part # IX6R11S3
Description  6A Half-Bridge Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IX6R11S3 Datasheet(HTML) 8 Page - IXYS Corporation

Back Button IX6R11S3 Datasheet HTML 4Page - IXYS Corporation IX6R11S3 Datasheet HTML 5Page - IXYS Corporation IX6R11S3 Datasheet HTML 6Page - IXYS Corporation IX6R11S3 Datasheet HTML 7Page - IXYS Corporation IX6R11S3 Datasheet HTML 8Page - IXYS Corporation IX6R11S3 Datasheet HTML 9Page - IXYS Corporation IX6R11S3 Datasheet HTML 10Page - IXYS Corporation IX6R11S3 Datasheet HTML 11Page - IXYS Corporation IX6R11S3 Datasheet HTML 12Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
IX6R11
V
BIAS Supply Voltage (V)
10
15
20
25
30
35
0
2
4
6
8
10
12
14
16
18
Temperature - Degrees C
-50
-25
0
25
50
75
100
125
2
3
4
5
6
7
8
9
10
Frequency - kHz
100 200 300 400 500 600 700 800 900 1000
25
30
35
40
45
50
V
DD Logic Supply Voltage (V)
0
2
4
6
8
10 12 14 16 18 20
0
10
20
30
40
50
60
Temperature - Degrees C
-50
-25
0
25
50
75
100
125
150
175
200
225
250
275
300
V
DD Logic Supply Voltage - Volts
0
4
8
12
16
20
0
2
4
6
8
10
12
Max Logic '1'
Min Logic '0'
Maximum
Typical
Maximum
Typical
Maximum
Typical
Maximum
Typical
V = 500V
V = 320V
V = 140V
Load: IXTU01N100
Fig. 13. Logic input threshold voltage vs bias supply
voltage.
Fig. 14. Offset supply leakage current vs. temperature.
Fig. 15. Logic input current vs. bias voltage.
Fig. 17a. Output source current vs. temperature
Fig. 17b. Output source current vs supply voltatge
Fig. 16. IX6R11S3 Case temperature rise vs. operating
frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com