Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IX6R11S3 Datasheet(PDF) 7 Page - IXYS Corporation

Part # IX6R11S3
Description  6A Half-Bridge Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IX6R11S3 Datasheet(HTML) 7 Page - IXYS Corporation

Back Button IX6R11S3 Datasheet HTML 3Page - IXYS Corporation IX6R11S3 Datasheet HTML 4Page - IXYS Corporation IX6R11S3 Datasheet HTML 5Page - IXYS Corporation IX6R11S3 Datasheet HTML 6Page - IXYS Corporation IX6R11S3 Datasheet HTML 7Page - IXYS Corporation IX6R11S3 Datasheet HTML 8Page - IXYS Corporation IX6R11S3 Datasheet HTML 9Page - IXYS Corporation IX6R11S3 Datasheet HTML 10Page - IXYS Corporation IX6R11S3 Datasheet HTML 11Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
IX6R11
VCL/VCH Supply Voltage - Volts
10
15
20
25
30
35
10
15
20
25
VCL/VCH Supply Voltage - Volts
10
15
20
25
30
35
10
15
20
25
Temperature - Degrees C
-50
-25
0
25
50
75
100
125
10
15
20
25
30
VDD Supply Voltage - Volts
4
6
8
101214
161820
0
75
150
225
300
VCL/VCH Supply Voltage - Volts
10 12 14 16 18 20 22 24 26 28 30
50
100
150
200
250
Temperature - Degrees C
-50
-25
0
25
50
75
100
125
50
75
100
125
150
175
200
Max. turn-off
Typ. turn-off
Typ. turn-on
Max. turn-on
Typ. Low side
Max. Low side
Max. High Side
Typ. High Side
Typ. Low side
Max. Low side
Max. High Side
Typ. High Side
Typ. Low side
Max. Low side
Max. High Side
Typ. High Side
Typ. Low side
Max. Low side
Max. High Side
Typ. High Side
Typ. Low side
Max. Low side
Max. High Side
Typ. High Side
Fig. 11a. High and Low side ENABLE (Shutdown) times
vs. temperature.
Fig.11b. High and Low side ENABLE (Shutdown) times
vs. supply voltage.
Fig. 11c. High and Low side ENABLE (Shutdown) times
vs. supply voltage.
Fig. 12a. Turn-on and turn-off rise times vs. temperature.
Fig. 12b. Turn-on rise times vs. bias supply voltages.
Fig. 12c. Turn-off delay times vs. bias supply voltages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com