Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2985 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LP2985
Description  150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2985 Datasheet(HTML) 1 Page - Texas Instruments

  LP2985 Datasheet HTML 1Page - Texas Instruments LP2985 Datasheet HTML 2Page - Texas Instruments LP2985 Datasheet HTML 3Page - Texas Instruments LP2985 Datasheet HTML 4Page - Texas Instruments LP2985 Datasheet HTML 5Page - Texas Instruments LP2985 Datasheet HTML 6Page - Texas Instruments LP2985 Datasheet HTML 7Page - Texas Instruments LP2985 Datasheet HTML 8Page - Texas Instruments LP2985 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
www.ti.com
FEATURES
PORTABLE APPLICATIONS
DBV (SOT-23) PACKAGE
(TOP VIEW)
1
2
3
5
4
VIN
GND
ON/OFF
VOUT
BYPASS
DESCRIPTION/ORDERING INFORMATION
LP2985
150-mA LOW-NOISE LOW-DROPOUT REGULATOR
WITH SHUTDOWN
SLVS522F – JULY 2004 – REVISED AUGUST 2005
•
Cellular Phones
•
Output Tolerance of
•
Palmtop and Laptop Computers
– 1% (A Grade)
•
Personal Digital Assistants (PDAs)
– 1.5% (Standard Grade)
•
Digital Cameras and Camcorders
•
Ultra-Low Dropout, Typically
•
CD Players
– 280 mV at Full Load of 150 mA
•
MP3 Players
– 7 mV at 1 mA
•
Wide VIN Range…16 V Max
•
Low IQ . . . 850 µA at Full Load at 150 mA
•
Shutdown Current . . . 0.01
µA Typ
•
Low Noise . . . 30
µV
RMS With 10-nF Bypass
Capacitor
•
Stable With Low-ESR Capacitors, Including
Ceramic
•
Overcurrent and Thermal Protection
•
High Peak-Current Capability
The LP2985 family of fixed-output, low-dropout regulators offers exceptional, cost-effective performance for both
portable and nonportable applications. Available in voltages of 1.8 V, 2.8 V, 2.9 V, 3 V, 3.3 V and 5 V, the family
has an output tolerance of 1% for the A version (1.5% for the non-A version) and is capable of delivering 150-mA
continuous load current. Standard regulator features, such as overcurrent and overtemperature protection, are
included.
The LP2985 has a host of features that makes the regulator an ideal candidate for a variety of portable
applications:
•
Low dropout: A PNP pass element allows a typical dropout of 280 mV at 150-mA load current and 7 mV at
1-mA load.
•
Low quiescent current: The use of a vertical PNP process allows for quiescent currents that are considerably
lower than those associated with traditional lateral PNP regulators.
•
Shutdown: A shutdown feature is available, allowing the regulator to consume only 0.01
µA when the
ON/OFF pin is pulled low.
•
Low-ESR-capacitor friendly: The regulator is stable with low-ESR capacitors, allowing the use of small,
inexpensive, ceramic capacitors in cost-sensitive applications.
•
Low noise: A BYPASS pin allows for low-noise operation, with a typical output noise of 30
µV
RMS, with the
use of a 10-nF bypass capacitor.
•
Small packaging: For the most space-constrained needs, the regulator is available in the SOT-23 package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LP2985

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2985 NSC-LP2985 Datasheet
478Kb / 21P
Micropower 150 mA Low-Noise Ultra Low-Dropout Regulator Designed for Use with Very Low ESR Output Capacitors
logo
Texas Instruments
LP2985 TI-LP2985 Datasheet
473Kb / 25P
150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI-LP2985 Datasheet
635Kb / 25P
150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI-LP2985 Datasheet
650Kb / 27P
150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI1-LP2985 Datasheet
480Kb / 22P
Micropower 150 mA Low-Noise Ultra Low-Dropout Regulator in SOT-23 and micro SMD Packages Designed for Use with Very Low ESR Output Capacitors
More results

Similar Description - LP2985

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2985 TI-LP2985_06 Datasheet
473Kb / 25P
150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI-LP2985_06 Datasheet
487Kb / 25P
150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI-LP2985_08 Datasheet
635Kb / 25P
150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI-LP2985_10 Datasheet
650Kb / 27P
150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI-LP2985_15 Datasheet
1Mb / 29P
150-mA Low-noise Low-dropout Regulator With Shutdown
LP2985 TI1-LP2985_17 Datasheet
1Mb / 28P
150-mA Low-noise Low-dropout Regulator With Shutdown
LP2985 TI-LP2985_V01 Datasheet
9Mb / 41P
LP2985 150-mA, Low-Noise, Low-Dropout Regulator With Shutdown
REVISED DECEMBER 2022
LP2985 TI-LP2985_V02 Datasheet
10Mb / 41P
LP2985 150-mA, Low-Noise, Low-Dropout Regulator With Shutdown
DECEMBER 2022
LP2985 TI-LP2985_V03 Datasheet
10Mb / 41P
LP2985 150-mA, Low-Noise, Low-Dropout Regulator With Shutdown
REVISED DECEMBER 2022
LP2985 TI1-LP2985_V04 Datasheet
10Mb / 41P
LP2985 150-mA, Low-Noise, Low-Dropout Regulator With Shutdown
REVISED JULY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com