Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2985 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LP2985
Description  150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2985 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LP2985 Datasheet HTML 6Page - Texas Instruments LP2985 Datasheet HTML 7Page - Texas Instruments LP2985 Datasheet HTML 8Page - Texas Instruments LP2985 Datasheet HTML 9Page - Texas Instruments LP2985 Datasheet HTML 10Page - Texas Instruments LP2985 Datasheet HTML 11Page - Texas Instruments LP2985 Datasheet HTML 12Page - Texas Instruments LP2985 Datasheet HTML 13Page - Texas Instruments LP2985 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
www.ti.com
0.01
0.1
1
10
100
1k
10k
100k
Frequency − Hz
ILOAD = 1 mA
Cbyp = 1 nF
Cbyp = 10 nF
Cbyp = 100 nF
0.01
0.1
1
10
100
1k
10k
100k
Frequency − Hz
Cbyp = 1 nF
Cbyp = 10 nF
Cbyp = 100 nF
ILOAD = 150 mA
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
0
1
2
3
4
5
6
Input Voltage − V
RL = Open
RL = 3.3 kΩ
VO = 3.3 V
Cbyp = 10 nF
0
200
400
600
800
1000
1200
1400
−50
−25
0
25
50
75
100
125
150
0 mA
Temperature −
°C
150 mA
50 mA
10 mA
1 mA
VO = 3.3 V
Cbyp = 10 nF
LP2985
150-mA LOW-NOISE LOW-DROPOUT REGULATOR
WITH SHUTDOWN
SLVS522F – JULY 2004 – REVISED AUGUST 2005
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
C
IN = 1 µF, COUT = 4.7 µF, VIN = VOUT(NOM) +1 V, TA = 25°C, ON/OFF Pin Tied to VIN (unless otherwise specified)
OUTPUT NOISE DENSITY
OUTPUT NOISE DENSITY
vs
vs
FREQUENCY
FREQUENCY
Figure 13.
Figure 14.
INPUT CURRENT
GROUND-PIN CURRENT
vs
vs
INPUT VOLTAGE
TEMPERATURE
Figure 15.
Figure 16.
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com