Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2985 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LP2985
Description  150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2985 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LP2985 Datasheet HTML 7Page - Texas Instruments LP2985 Datasheet HTML 8Page - Texas Instruments LP2985 Datasheet HTML 9Page - Texas Instruments LP2985 Datasheet HTML 10Page - Texas Instruments LP2985 Datasheet HTML 11Page - Texas Instruments LP2985 Datasheet HTML 12Page - Texas Instruments LP2985 Datasheet HTML 13Page - Texas Instruments LP2985 Datasheet HTML 14Page - Texas Instruments LP2985 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
www.ti.com
3.22
3.24
3.26
3.28
3.3
3.32
3.34
3.36
3.38
3.4
−250
−200
−150
−100
−50
0
50
100
150
200
20
µs/div"
VO = 3.3 V
Cbyp = 10 nF
∆IL = 100 mA
IL
VO
3.22
3.24
3.26
3.28
3.3
3.32
3.34
3.36
3.38
3.4
−250
−200
−150
−100
−50
0
50
100
150
200
VO = 3.3 V
Cbyp = 10 nF
∆IL = 150 mA
IL
VO
20
µs/div"
3.22
3.24
3.26
3.28
3.3
3.32
3.34
3.36
3.38
3.4
−250
−200
−150
−100
−50
0
50
100
150
200
IL
VO
VO = 3.3 V
Cbyp = 0 nF
∆IL = 150 mA
20
µs/div"
3.27
3.29
3.31
3.33
3.35
3.37
3.39
3.41
2
2.5
3
3.5
4
4.5
5
5.5
VI
VO
20
µs/div"
VO = 3.3 V
Cbyp = 0 nF
IO = 150 mA
LP2985
150-mA LOW-NOISE LOW-DROPOUT REGULATOR
WITH SHUTDOWN
SLVS522F – JULY 2004 – REVISED AUGUST 2005
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
C
IN = 1 µF, COUT = 4.7 µF, VIN = VOUT(NOM) +1 V, TA = 25°C, ON/OFF Pin Tied to VIN (unless otherwise specified)
LOAD TRANSIENT RESPONSE
LOAD TRANSIENT RESPONSE
Figure 17.
Figure 18.
LOAD TRANSIENT RESPONSE
LINE TRANSIENT RESPONSE
Figure 19.
Figure 20.
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com