Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2985 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # LP2985
Description  150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2985 Datasheet(HTML) 15 Page - Texas Instruments

Back Button LP2985 Datasheet HTML 11Page - Texas Instruments LP2985 Datasheet HTML 12Page - Texas Instruments LP2985 Datasheet HTML 13Page - Texas Instruments LP2985 Datasheet HTML 14Page - Texas Instruments LP2985 Datasheet HTML 15Page - Texas Instruments LP2985 Datasheet HTML 16Page - Texas Instruments LP2985 Datasheet HTML 17Page - Texas Instruments LP2985 Datasheet HTML 18Page - Texas Instruments LP2985 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
www.ti.com
Capacitor Characteristics
Ceramics
Tantalum
ON/OFF Operation
LP2985
150-mA LOW-NOISE LOW-DROPOUT REGULATOR
WITH SHUTDOWN
SLVS522F – JULY 2004 – REVISED AUGUST 2005
APPLICATION INFORMATION (continued)
Ceramic capacitors are ideal choices for use on the output of the LP2985 for several reasons. For capacitances
in the range of 2.2
µF to 4.7 µF, ceramic capacitors have the lowest cost and the lowest ESR, making them
choice candidates for filtering high-frequency noise. For instance, a typical 2.2-
µF ceramic capacitor has an ESR
in the range of 10 m
Ω to 20 mΩ and, thus, satisfies minimum ESR requirements of the regulator.
Ceramic capacitors have one major disadvantage that must be taken into account – a poor temperature
coefficient, where the capacitance can vary significantly with temperature. For instance, a large-value ceramic
capacitor (
≥2.2 µF) can lose more than half of its capacitance as the temperature rises from 25°C to 85°C. Thus,
a 2.2-
µF capacitor at 25°C drops well below the minimum C
OUT required for stability, as ambient temperature
rises. For this reason, select an output capacitor that maintains the minimum 2.2
µF required for stability over the
entire operating temperature range. Note that there are some ceramic capacitors that can maintain a
±15%
capacitance tolerance over temperature.
Tantalum capacitors can be used at the output of the LP2985, but there are significant disadvantages that could
prohibit their use:
•
In the 1-
µF to 4.7-µF range, tantalum capacitors are more expensive than ceramics of the equivalent
capacitance and voltage ratings.
•
Tantalum capacitors have higher ESRs than their equivalent-sized ceramic counterparts. Thus, to meet the
ESR requirements, a higher-capacitance tantalum may be required, at the expense of larger size and higher
cost.
•
The ESR of a tantalum capacitor increases as temperature drops, as much as double from 25
°C to –40°C.
Thus, ESR margins must be maintained over the temperature range to prevent regulator instability.
The LP2985 allows for a shutdown mode via the ON/OFF pin. Driving the pin LOW (
≤0.3 V) turns the device
OFF; conversely, a HIGH (
≥1.6 V) turns the device ON. If the shutdown feature is not used, ON/OFF should be
connected to the input to ensure that the regulator is on at all times. For proper operation, do not leave ON/OFF
unconnected, and apply a signal with a slew rate of
≥40 mV/µs.
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com