Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF26100 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCF26100
Description  Bluetooth Adapter IC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF26100 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCF26100 Datasheet HTML 4Page - NXP Semiconductors PCF26100 Datasheet HTML 5Page - NXP Semiconductors PCF26100 Datasheet HTML 6Page - NXP Semiconductors PCF26100 Datasheet HTML 7Page - NXP Semiconductors PCF26100 Datasheet HTML 8Page - NXP Semiconductors PCF26100 Datasheet HTML 9Page - NXP Semiconductors PCF26100 Datasheet HTML 10Page - NXP Semiconductors PCF26100 Datasheet HTML 11Page - NXP Semiconductors PCF26100 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
2001 Jun 19
8
Philips Semiconductors
Preliminary specification
Bluetooth Adapter IC
PCF26100
6
FUNCTIONAL DESCRIPTION
6.1
PCF26100 overview
The adapter features a Power-on reset which is used to
reset the adapter logic. There is also a POR_EXT signal
which is used for controlling the reset of the PCF26100
within the application.
The system clock for the application is generated by the
PCF26100. The system clock is then provided to the
baseband SYS_CLK and the radio REF_CLK. Both the
SYS_CLK and REF_CLK clocks are controlled within the
PCF26100.
From the system clock a low-power 3.2 kHz clock
LPO_CLK is generated.
From the PCF26100 a 1 MHz TX_CLK is generated to be
used in the baseband controller to clock out the transmit
data on TX_DATA.
The serial interface to the baseband controller is a JTAG
interface. This interface is used to initialize and control the
PCF26100 and subsequently the radio. The channel
information received from the JTAG interface is converted
and forwarded to the radio 3-wire S-bus interface.
The timing control signals to the UAA3558 radio are
generated in the PCF26100. For this a minimum number
of reference timing signals from the baseband controller
are used. The exact timing of the control signals is
programmable in the PCF26100.
The PCF26100 converts the digital transmit data from the
baseband controller to analog gaussian shaped transmit
data to the radio.
The analog RSSI from the radio is converted to digital and
made available to the baseband controller via the JTAG
interface.
The digital power amplifier control information
communicated from the baseband controller to the
PCF26100 is converted to an analog control voltage for the
radio.
The PCF26100 provides an identification number, which
can be read by the baseband controller through the JTAG
interface.
For frequency compensation and tuning, the PCF26100
provides a tuning capability on the system oscillator.
6.2
BlueRF pin mapping
Table 2
Adapter and BlueRF unidirectional pin mapping.
ADAPTER TO
BASEBAND PIN NAME
BLUERF PIN NAME JTAG
UNIDIRECTIONAL
RXMODE 2
POR_EXT
BnPWR
POR
not applicable
LPO_CLK
not applicable
SYS_CLK
not applicable
SYS_CLK_REQ
BXTLEN
TX_CLK
BRCLK
TX_DATA
BTXD/BDATA1
RX_DATA
BRXD
SYNTH_ON
BSEN
PX_ON
BPKTCTL/BDATA2
SI_CMS
BnDEN
SI_CLK
BDCLK
SI_CDI
BMOSI/BDDATA
SI_CDO
BMISO
VIO_POWER
not applicable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com