Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF26100 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # PCF26100
Description  Bluetooth Adapter IC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF26100 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button PCF26100 Datasheet HTML 17Page - NXP Semiconductors PCF26100 Datasheet HTML 18Page - NXP Semiconductors PCF26100 Datasheet HTML 19Page - NXP Semiconductors PCF26100 Datasheet HTML 20Page - NXP Semiconductors PCF26100 Datasheet HTML 21Page - NXP Semiconductors PCF26100 Datasheet HTML 22Page - NXP Semiconductors PCF26100 Datasheet HTML 23Page - NXP Semiconductors PCF26100 Datasheet HTML 24Page - NXP Semiconductors PCF26100 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
2001 Jun 19
21
Philips Semiconductors
Preliminary specification
Bluetooth Adapter IC
PCF26100
10 AC CHARACTERISTICS
SYMBOL
DESCRIPTION
MIN.
TYP.
MAX.
UNIT
Frequency
fsys
system clock frequency
−
13
−
MHz
fclk(LP)
low power clock frequency
−
3.2
−
MHz
fs-bus
3-wire S-bus frequency
−
6.5
−
MHz
fJTAG
JTAG clock frequency
1
−
5
MHz
fclock
2.048 MHz clock output
−
2.048
−
MHz
Dclock
duty cycle 2.048 MHz clock output
−
40/60
−
%
RSSI ADC
RES(ADC)
RSSI ADC resolution
−
8
−
bit
LE(ADC)
RSSI ADC linearity error
−0.5
0
+0.5
LSB
Eoffset(ADC)
RSSI ADC offset error
−50
0
+50
mV
EFS(ADC)
RSSI ADC full-scale error
−50
0
+50
mV
Vi(ADC)
RSSI ADC signal input voltage range
0
−
VDDA
V
Zi(ADC)
RSSI ADC input impedance
−
10
−
M
Ω
GFSK DAC
RES(DAC)
DAC resolution
−
8
−
bit
LEDAC(i)
DAC integral linearity error
−1.0
−
+1.0
LSB
LEDAC(diff)
DAC differential linearity error
−0.5
−
+0.5
LSB
Eoffset(DAC)
DAC offset error
−50
−
+50
mV
EFS(DAC)
DAC full-scale error
−50
−
+50
mV
Vo(DAC)
DAC signal output voltage range
0
−
VDDA
V
RL(DAC)
DAC load resistance
600
−−
LSB
CL(DAC)
DAC load capacitance
−−
20
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com