Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF26100 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCF26100
Description  Bluetooth Adapter IC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF26100 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCF26100 Datasheet HTML 9Page - NXP Semiconductors PCF26100 Datasheet HTML 10Page - NXP Semiconductors PCF26100 Datasheet HTML 11Page - NXP Semiconductors PCF26100 Datasheet HTML 12Page - NXP Semiconductors PCF26100 Datasheet HTML 13Page - NXP Semiconductors PCF26100 Datasheet HTML 14Page - NXP Semiconductors PCF26100 Datasheet HTML 15Page - NXP Semiconductors PCF26100 Datasheet HTML 16Page - NXP Semiconductors PCF26100 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
2001 Jun 19
13
Philips Semiconductors
Preliminary specification
Bluetooth Adapter IC
PCF26100
6.5
Registers
The registers that are controlled via the serial interface are shown in Table 6.
Table 6
Register map
6.5.1
CHANNEL PROGRAMMING
The serial interface channel programming word is forwarded to the UAA3558 3-wire interface. The channel information
cannot normally be used directly and needs a conversion to get the right number for the UAA3558.
Table 7
Channel programming word
Table 8
Description of Channel programming word bits
REGISTER
TYPE
ADDRESS
(DECIMAL)
RESET
(HEX)
DESCRIPTION
S_EN_start
R/W
8
0C
S_EN start delay
S_EN_width
R/W
9
C8
S_EN width
T_SW_start
R/W
10
64
T_SW start delay
SLCCTR_start
R/W
11
0A
SLCCTR start delay
S_EN_PULSE_start
R/W
12
02
S_EN pulse start delay
RSSI_start
R/W
13
64
RSSI measurement position
STATIC_B15_9
R/W
14
24
UAA3558 serial word static values
STATIC_B23_16
R/W
15
12
UAA3558 serial word static values
STATIC_B31_24
R/W
16
00
UAA3558 serial word static values
CHANNEL
W
18
00
frequency channel number and TX/RX information
RSSI
R
18
00
RSSI
XO-trim
W
19
80
trim value for the system clock oscillator
ID
R
19
A1
device identification
CONTROL
R/W
22
00
system clock control
PACONTROL
R/W
24
00
for external PA power control
ENABLE
R/W
25
00
adapter control
GFSK_DC_BIAS_start
R/W
26
64
GFSK DC bias start delay
GFSK_TABLE
R/W
28
00
GFSK look-up table values
RXFREQ
W
30
61
RX channel conversion number
TXFREQ
W
31
60
TX channel conversion number
ADDRESS
76543210
18 (decimal)
trx
channel number (m)
BIT
DESCRIPTION
7
If trx = 0, then device in Transmit mode. If trx = 1, then device in Receive mode.
6 to 0
These 7 bits determine the channel number (m).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com