Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF26100 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCF26100
Description  Bluetooth Adapter IC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF26100 Datasheet(HTML) 3 Page - NXP Semiconductors

  PCF26100 Datasheet HTML 1Page - NXP Semiconductors PCF26100 Datasheet HTML 2Page - NXP Semiconductors PCF26100 Datasheet HTML 3Page - NXP Semiconductors PCF26100 Datasheet HTML 4Page - NXP Semiconductors PCF26100 Datasheet HTML 5Page - NXP Semiconductors PCF26100 Datasheet HTML 6Page - NXP Semiconductors PCF26100 Datasheet HTML 7Page - NXP Semiconductors PCF26100 Datasheet HTML 8Page - NXP Semiconductors PCF26100 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
2001 Jun 19
3
Philips Semiconductors
Preliminary specification
Bluetooth Adapter IC
PCF26100
1
FEATURES
The PCF26100 performs the following functions:
• Power-on reset (reset)
• System clock generation for baseband controller
• Reference clock generation for the UAA3558
• Low-power clock generation for baseband controller
• Transmit clock generation for baseband controller
(1 MHz)
• Serial interface conversion between JTAG and 3-wire
S-bus
• Timing control generation for the UAA3558
• Transmit data conversion from digital-to-analog
gaussian shaped
• RSSI conversion from analog-to-digital and access
through serial JTAG interface
• Transmit PA control information from JTAG interface
digital-to-analog conversion
• Provides radio ID through the serial JTAG interface
• System clock oscillator trimming.
2
GENERAL DESCRIPTION
The PCF26100 is a mixed signal based adapter device for
wireless Bluetooth systems. The device adapts the
baseband interface of the Philips UAA3558 radio to the
Philips PCF26002 and PCF26003 baseband controller
devices and also to the BlueRF JTAG Unidirectional
RxMode 2.
The adapter is provided as a low risk solution to a working
Bluetooth system based on existing components. The
adapter ASIC implementation incorporates, as much as
possible, features to come to a complete Bluetooth
system, meeting the Bluetooth RF requirements.
From the Bluetooth system point of view the PCF26100 is
a transparent adaptation device between the baseband
controller and the UAA3558 radio.
3
ORDERING INFORMATION
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
PCF26100ET
TFBGA48
plastic thin fine-pitch ball grid array package; 48 balls; 5
× 5 × 0.8 mm
SOT641-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com