Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16C781 Datasheet(PDF) 49 Page - Microchip Technology

Part # PIC16C781
Description  8-Bit CMOS Microcontrollers with A/D, D/A, OPAMP, Comparators and PSMC
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C781 Datasheet(HTML) 49 Page - Microchip Technology

Back Button PIC16C781 Datasheet HTML 45Page - Microchip Technology PIC16C781 Datasheet HTML 46Page - Microchip Technology PIC16C781 Datasheet HTML 47Page - Microchip Technology PIC16C781 Datasheet HTML 48Page - Microchip Technology PIC16C781 Datasheet HTML 49Page - Microchip Technology PIC16C781 Datasheet HTML 50Page - Microchip Technology PIC16C781 Datasheet HTML 51Page - Microchip Technology PIC16C781 Datasheet HTML 52Page - Microchip Technology PIC16C781 Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 186 page
background image
 2001 Microchip Technology Inc.
Preliminary
DS41171A-page 47
PIC16C781/782
4.0
PROGRAM MEMORY READ
(PMR)
Program memory is readable during normal operation
(full VDD range). It is read by indirect addressing
through the following Special Function Registers:
• PMCON1: Control
• PMDATH: Data High
• PMDATL: Data Low
• PMADRH: Address High
• PMADRL: Address Low
When interfacing to the program memory block, the
PMDATH and PMDATL registers form a 2-byte word,
which holds the 14-bit data. The PMADRH and
PMADRL registers form a 2-byte word, which holds the
12-bit address of the program memory location being
accessed. Mid-range devices have up to 8K words of
program EPROM with an address range from 0h to
3FFFh. When the device contains less memory than
the full address range of the PMADRH:PMARDL regis-
ters, the Most Significant bits of the PMADRH register
are ignored.
4.1
PMCON1 Register
PMCON1 is the control register for program memory
accesses.
Control bit RD initiates a read operation. This bit cannot
be cleared, only set, in software. It is cleared in hard-
ware at completion of the read operation.
4.2
PMDATH and PMDATL Registers
The PMDATH:PMDATL registers are loaded with the
contents of program memory addressed by the
PMADRH and PMADRL registers upon completion of a
Program Memory Read command.
REGISTER 4-1:
PROGRAM MEMORY READ CONTROL REGISTER 1 (PMCON1: 18Ch)
REGISTER 4-2:
PROGRAM MEMORY DATA HIGH (PMDATH: 10Eh)
R-1
U-0
U-0
U-0
U-0
U-0
U-0
R/S-0
Reserved
—
—
—
—
—
—
RD
bit7
bit0
bit 7
Reserved: Read as ‘1’
bit 6-1
Unimplemented: Read as '0
bit 0
RD: Read Control bit
1
= Initiates a Program memory read (read takes 2 cycles, RD is cleared in hardware)
0
= Reserved
Legend:
S = Settable bit
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
’1’ = Bit is set
’0’ = Bit is cleared
x = Bit is unknown
U-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
—
—
PMD13
PMD12
PMD11
PMD10
PMD9
PMD8
bit7
bit0
bit 7-6
Unimplemented: Read as '0
bit 5-0
PMD<13:8>: Program Memory Data bits
The value of the program memory word pointed to by PMADRH and PMADRL after a program
memory read command.
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
’1’ = Bit is set
’0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com