Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16C781 Datasheet(PDF) 86 Page - Microchip Technology

Part # PIC16C781
Description  8-Bit CMOS Microcontrollers with A/D, D/A, OPAMP, Comparators and PSMC
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C781 Datasheet(HTML) 86 Page - Microchip Technology

Back Button PIC16C781 Datasheet HTML 82Page - Microchip Technology PIC16C781 Datasheet HTML 83Page - Microchip Technology PIC16C781 Datasheet HTML 84Page - Microchip Technology PIC16C781 Datasheet HTML 85Page - Microchip Technology PIC16C781 Datasheet HTML 86Page - Microchip Technology PIC16C781 Datasheet HTML 87Page - Microchip Technology PIC16C781 Datasheet HTML 88Page - Microchip Technology PIC16C781 Datasheet HTML 89Page - Microchip Technology PIC16C781 Datasheet HTML 90Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 186 page
background image
PIC16C781/782
DS41171A-page 84
Preliminary
 2001 Microchip Technology Inc.
REGISTER 11-1:
OPAMP CONTROL REGISTER (OPACON: 11Ch)
11.1.2
CALCON REGISTER
The Automatic Calibration Module (ACM) is an internal
state machine which performs an input offset voltage
calibration (trim) on the OPA module (see Figure 11-2).
Calibration
is
initiated
by
setting
the
CAL
bit
(CALCON<7>). Upon completion of the calibration
sequence, the ACM will clear the CAL bit.
If a problem arises in the calibration process, the
CALERR flag (CALCON<6>) will be set to indicate the
failure to calibrate.
Setting CALREF (CALCON<5>) forces calibration at a
common mode voltage specified by the output of the
DAC module. The DAC module must be enabled prior
to calibration. Clearing CALREF will perform the cali-
bration with a common mode voltage of 1.2V. The out-
put pin floats during calibration.
R/W-0
R/W-0
U-0
U-0
U-0
U-0
U-0
R/W-0
OPAON
CMPEN
—
—
—
—
—
GBWP
bit 7
bit 0
bit 7
OPAON: OPAMP Enable bit
1
= OPAMP is enabled
0
= OPAMP is disabled
bit 6
CMPEN: Comparator Mode Enable bit
1
= Comparator mode
0
= OPAMP mode
bit 5-1
Unimplemented: Read as ’0’
bit 0
GBWP: Gain Bandwidth Product Select bits
1
= 2 MHz typ. (fast mode)
0
= 70 kHz typ. (slow mode)
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
’1’ = Bit is set
’0’ = Bit is cleared
x = Bit is unknown
Note 1: Auto Calibration must be performed while
the module is configured as an OPAMP
(CMPEN = 0). Performing Auto Calibra-
tion function in the Comparator mode
may yield unpredictable results.
2: If the internal 1.2V reference is used for
the common mode voltage during Auto
Calibration, CALREF = 0 (CALCON<5>),
a delay for reference stabilization must be
observed before start of calibration.
3: The OPA module shares pins with the
ADC module. Performing ADC conver-
sions on the OPA+ or OPA- pins may
affect OPAMP stability.
4: When using the DAC as a reference for
calibration, CALREF = 1 (CALCON<5>),
the VDAC voltage must be within the spec-
ified common mode voltage for the
OPAMP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com