Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16C781 Datasheet(PDF) 96 Page - Microchip Technology

Part # PIC16C781
Description  8-Bit CMOS Microcontrollers with A/D, D/A, OPAMP, Comparators and PSMC
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C781 Datasheet(HTML) 96 Page - Microchip Technology

Back Button PIC16C781 Datasheet HTML 92Page - Microchip Technology PIC16C781 Datasheet HTML 93Page - Microchip Technology PIC16C781 Datasheet HTML 94Page - Microchip Technology PIC16C781 Datasheet HTML 95Page - Microchip Technology PIC16C781 Datasheet HTML 96Page - Microchip Technology PIC16C781 Datasheet HTML 97Page - Microchip Technology PIC16C781 Datasheet HTML 98Page - Microchip Technology PIC16C781 Datasheet HTML 99Page - Microchip Technology PIC16C781 Datasheet HTML 100Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 186 page
background image
PIC16C781/782
DS41171A-page 94
Preliminary
 2001 Microchip Technology Inc.
12.1.2.2
Control Register CM2CON1
Comparator C2 has one additional feature: its output
can be synchronized to the Timer1 clock input. Setting
C2SYNC (CM2CON1<0>) synchronizes the output of
Comparator 2 to the falling edge of Timer 1’s clock input
(see Figure 12-1 and Register 12-3).
The CM2CON1 register also contains mirror copies of
both comparator outputs, MC1OUT and MC2OUT
(CM2CON1<7:6>). The ability to read both outputs
simultaneously from a single register eliminates the
timing skew of reading separate registers.
REGISTER 12-3:
COMPARATOR C2 CONTROL REGISTER1 (CM2CON1: 11Bh)
R-0
R-0
U-0
U-0
U-0
U-0
U-0
R/W-0
MC1OUT MC2OUT
—
—
—
—
—
C2SYNC
bit 7
bit 0
bit 7
MC1OUT: Mirror Copy of C1OUT (CM1CON0<6>)
bit 6
MC2OUT: Mirror Copy of C2OUT (CM2CON0<6>)
bit 5-1
Unimplemented: Read as ’0’
bit 0
C2SYNC: C2 Output Synchronous Mode bit
1
= C2 output is synchronous to falling edge of TMR1 clock
0
= C2 output is asynchronous
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
’1’ = Bit is set
’0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com