Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16C781 Datasheet(PDF) 13 Page - Microchip Technology

Part # PIC16C781
Description  8-Bit CMOS Microcontrollers with A/D, D/A, OPAMP, Comparators and PSMC
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C781 Datasheet(HTML) 13 Page - Microchip Technology

Back Button PIC16C781 Datasheet HTML 9Page - Microchip Technology PIC16C781 Datasheet HTML 10Page - Microchip Technology PIC16C781 Datasheet HTML 11Page - Microchip Technology PIC16C781 Datasheet HTML 12Page - Microchip Technology PIC16C781 Datasheet HTML 13Page - Microchip Technology PIC16C781 Datasheet HTML 14Page - Microchip Technology PIC16C781 Datasheet HTML 15Page - Microchip Technology PIC16C781 Datasheet HTML 16Page - Microchip Technology PIC16C781 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 186 page
background image
 2001 Microchip Technology Inc.
Preliminary
DS41171A-page 11
PIC16C781/782
2.0
MEMORY ORGANIZATION
There are two memory blocks in each of these
PICmicro® microcontrollers. Each block (program and
data memory) has its own bus, so that concurrent
access can occur.
Additional information on device memory may be found
in the PICmicro™ Mid-Range Reference Manual,
(DS33023).
2.1
Program Memory Organization
The PIC16C781/782 devices have a 13-bit program
counter capable of addressing an 8K x 14 program
memory space. The PIC16C781 has 1K x 14 words of
program memory. The PIC16C782 has 2K x 14 words
of program memory. Accessing a location above the
physically implemented address causes a wraparound.
The RESET vector is at 0000h and the interrupt vector
is at 0004h.
FIGURE 2-1:
PIC16C781 PROGRAM
MEMORY MAP AND
STACK
FIGURE 2-2:
PIC16C782 PROGRAM
MEMORY MAP AND
STACK
2.2
Data Memory Organization
The data memory is partitioned into multiple banks,
which contain the General Purpose Registers and the
Special Function Registers. Bits RP0 and RP1 are
bank select bits.
RP1 RP0
(STATUS<6:5>)
= 00
→ Bank0
= 01
→ Bank1
= 10
→ Bank2
= 11
→ Bank3
Each bank extends up to 7Fh (128 bytes). The lower
locations of each bank are reserved for the Special
Function Registers. Above the Special Function Regis-
ters are the General Purpose Registers, implemented
as static RAM. All implemented banks contain Special
Function Registers. Some frequently used Special
Function Registers from one bank are mirrored in
another bank for code reduction and quicker access.
PC<12:0>
13
0000h
0004h
0005h
Stack Level 1
Stack Level 8
RESET Vector
Interrupt Vector
On-Chip
CALL, RETURN
RETFIE, RETLW
Stack Level 2
Program
Memory
Page 0
03FFh
0400h
1FFFh
PC<12:0>
13
0000h
0004h
0005h
Stack Level 1
Stack Level 8
RESET Vector
Interrupt Vector
On-Chip
CALL, RETURN
RETFIE, RETLW
Stack Level 2
Program
Memory
Page 0
07FFh
0800h
1FFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com