Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM2005FPD Datasheet(PDF) 1 Page - Sames

Part # PM2005FPD
Description  Evaluation Board for the SA2005F Energy
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

PM2005FPD Datasheet(HTML) 1 Page - Sames

  PM2005FPD Datasheet HTML 1Page - Sames PM2005FPD Datasheet HTML 2Page - Sames PM2005FPD Datasheet HTML 3Page - Sames PM2005FPD Datasheet HTML 4Page - Sames PM2005FPD Datasheet HTML 5Page - Sames PM2005FPD Datasheet HTML 6Page - Sames PM2005FPD Datasheet HTML 7Page - Sames PM2005FPD Datasheet HTML 8Page - Sames PM2005FPD Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
FEATURES
+
+
+
+
Designed to be used as a fully functional Watt-Hour meter.
Better than Class 1 operation
On-board power supply
3 Phase 4 Wire configuration
sames
Evaluation Board for the SA2005F Energy
Metering IC
PM2005FPD
1/12
Figure 1: Block diagram
SPEC-0889 (REV.2)
01-10-02
+
+
On-board current transformers
Can be used with external micro controller for calibration
and different pulse rates
DESCRIPTION
The SA2005F IC is an enhancement of the SA9105F.
The PM2005FPD evaluation board provides energy data via
an isolated pulse output for three-phase four-wire applications
using the SA2005F. The mains voltages easily connect to the
module by way of a Molex connector (SK1). The 3 on-board
current transformers measure the current in each phase. A
simple capacitive power supply supplies the energy metering
IC with power. The LM431 regulators are used to generate 5V
supply voltage for the IC on the board.
SK1
Power
Supply
SA2005F
Resistor
Network
VDD
GND
VSS
CT1
CT2
CT3
GND
Resistor
Network
Resistor
Network
OPTO
12
13
Module Setup
Jumpers
VDD
VSS
FOUT
PRELIMINARY


Similar Part No. - PM2005FPD

ManufacturerPart #DatasheetDescription
logo
Sames
PM2005MP SAMES-PM2005MP Datasheet
252Kb / 12P
Evaluation Board for the SA2005M and SA2005P
More results

Similar Description - PM2005FPD

ManufacturerPart #DatasheetDescription
logo
Sames
PM9904BPD SAMES-PM9904BPD Datasheet
4Mb / 22P
Evaluation Board for the SA9904B Energy Metering IC
logo
Cirrus Logic
CDB44L11 CIRRUS-CDB44L11 Datasheet
783Kb / 20P
Evaluation Board for the CS44L11
CDB4354 CIRRUS-CDB4354 Datasheet
724Kb / 11P
Evaluation Board for the CS4354
logo
Analog Devices
AD623-EVAL AD-AD623-EVAL Datasheet
287Kb / 4P
Evaluation Board for the AD623
REV. 0
EVAL-ADP1720 AD-EVAL-ADP1720_15 Datasheet
264Kb / 8P
Evaluation Board for the ADP1720
REV. 0
logo
STMicroelectronics
UM0843 STMICROELECTRONICS-UM0843 Datasheet
871Kb / 48P
EVALSPEAr310 - evaluation board for the SPEAr310
25-Feb-2010
logo
Silicon Laboratories
SI3402BISO-EVB SILABS-SI3402BISO-EVB Datasheet
431Kb / 14P
ISOLATED EVALUATION BOARD FOR THE Si3402B
logo
Analog Devices
UG-194 AD-UG-194 Datasheet
2Mb / 20P
Evaluation Board for the ADE7953 Single Phase Energy Metering IC
Rev. A
logo
Sames
PM9903BPE SAMES-PM9903BPE Datasheet
1Mb / 22P
Evaluation Board for the SA9903B Energy
logo
Cirrus Logic
CDB53L30 CIRRUS-CDB53L30 Datasheet
2Mb / 37P
Evaluation Board for the CS53L30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com