Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM2005FPD Datasheet(PDF) 2 Page - Sames

Part # PM2005FPD
Description  Evaluation Board for the SA2005F Energy
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

PM2005FPD Datasheet(HTML) 2 Page - Sames

  PM2005FPD Datasheet HTML 1Page - Sames PM2005FPD Datasheet HTML 2Page - Sames PM2005FPD Datasheet HTML 3Page - Sames PM2005FPD Datasheet HTML 4Page - Sames PM2005FPD Datasheet HTML 5Page - Sames PM2005FPD Datasheet HTML 6Page - Sames PM2005FPD Datasheet HTML 7Page - Sames PM2005FPD Datasheet HTML 8Page - Sames PM2005FPD Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
sames
PM2005FPD
2/12
http://www.sames.co.za
SETTING UP THE PM2005F MODULE
JUMPER DESCRIPTION
Power Supply Jumpers
The power supply jumpers are used to disconnect the on-
board power supply, allowing the metering section of the circuit
to be powered from an external power supply if required.
Jumper
J4
J5
J6
J7
Description
http://www.sames.co.za
Voltage Selection Jumpers
These jumpers are used to select between 115V and 230V
operation. When closed the jumpers will half the series
resistance in the voltage divider to the voltage sense inputs.
Connects VDD to the metering circuitry.
Connects VSS to the metering circuitry.
GND connection point.
Connection point between the power supply
GND (N) and the SA2005 GND
Module Setup Jumpers
The following jumpers (J8 and J9) are used to switch between
the different dividing ratios.
Jumper
J1
J2
J3
230V
Open
Open
Open
115V
Closed
Closed
Closed
0
1
2
3
V
V
V
V
SS
SS
DD
DD
64Hz
64Hz
64Hz
1160Hz
PGM1
V
V
V
V
SS
DD
SS
DD
PGM0
Frequency at Rated
Conditions
Mode
Number
1
2
3
Signal Name
V
Fout
V
DD
SS
SA2005F (U1)
Pin 6
Pin 8
Pin 14
CONNECTOR DESCRIPTION
SK1
Connects the three phase 4 wire supply to the module.
Interface for external µ Processor.
J11
Figure 2: Jumper positions
sames
PM2005F
J1
J2
J3
J7
J6
GND
J5
VSS
J4
VDD
U1
MICRO
VSS
Fout
VDD
PGM0 PGM1
J9
J8
J10
J11
PRELIMINARY
J10 is used to take the output either to the opto couple or to
J11, to be used with a micro.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com