Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM2005FPD Datasheet(PDF) 6 Page - Sames

Part # PM2005FPD
Description  Evaluation Board for the SA2005F Energy
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

PM2005FPD Datasheet(HTML) 6 Page - Sames

Back Button PM2005FPD Datasheet HTML 2Page - Sames PM2005FPD Datasheet HTML 3Page - Sames PM2005FPD Datasheet HTML 4Page - Sames PM2005FPD Datasheet HTML 5Page - Sames PM2005FPD Datasheet HTML 6Page - Sames PM2005FPD Datasheet HTML 7Page - Sames PM2005FPD Datasheet HTML 8Page - Sames PM2005FPD Datasheet HTML 9Page - Sames PM2005FPD Datasheet HTML 10Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
sames
6/12
http://www.sames.co.za
PM2005FPD
COMPONENT LIST
Description
Capacitor Electrolytic Radial
Capacitor Monolithic Ceramic
Capacitor Monolithic Ceramic
Capacitor Tantalum
Capacitor Electrolytic Radial
Capacitor Polyester
Capacitor Electrolytic Radial
Rectifier Diode
47V Zener Diode
LED 3mm Diameter, Red
¼ Watt, 1% Metal Film Resistor
¼ Watt, 1% Metal Film Resistor
¼ Watt, 1% Metal Film Resistor
¼ Watt, 1% Metal Film Resistor
¼ Watt, 1% Metal Film Resistor
¼ Watt, 1% Metal Film Resistor
¼ Watt, 1% Metal Film Resistor
2 Watt, 1% Wire Wound Resistor
1 Watt, 1% Wire Wound Resistor
¼ Watt, 5%, Carbon Resistor
Multi turn trim pot, Top adjust
7 Pin Molex, Canter square pin, Friction Lock
3 Pin Header
Metal Oxide Varistor
24 Pin IC Socket, Tulip Type
TO -92 Package
1:2500, Current Transformer
3 Pin, Molex, Canter square pin, Friction Lock
3 Pin, Molex, Canter square pin, Friction Lock
3 Pin Header
Part Type
1µ / 100v / No Polarity
220n / 63v
1µ / 63v
10µ / 16v
470µ / 25V
470n / 250VAC
470µ / 25V
1N4007
47V
LED
2.7k
24k
1M
22k
82k
100k
3R6
47R/2Watt
470R/1Watt
680R
Pot 10k
MAINS
PGM1
S10 / 275
SA2005F
TL431
TZ76
Micro
Opto/Micro
PGM0
Designator
C1, C2, C3
C4, C5
C6
C8, C9
C11, C15
C12, C13, C14
C10
D1, D2, D3, D4, D5, D6
D7
L2
R1, R2, R3, R4, R5, R6
R7
R8, R9, R10
R11, R12, R13
R14, R16, R18, R20, R22, R24
R15, R17, R19, R21, R23, R25
R26, R27, R28
R29, R30, R31
R32, R33
R34, R37
P1, P2, P3
SK1
J8
Z1, Z2, Z3
U1
U3, U4
CT1, CT2, CT3
J11
J10
J9
PRELIMINARY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com