Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM2005FPD Datasheet(PDF) 4 Page - Sames

Part # PM2005FPD
Description  Evaluation Board for the SA2005F Energy
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

PM2005FPD Datasheet(HTML) 4 Page - Sames

  PM2005FPD Datasheet HTML 1Page - Sames PM2005FPD Datasheet HTML 2Page - Sames PM2005FPD Datasheet HTML 3Page - Sames PM2005FPD Datasheet HTML 4Page - Sames PM2005FPD Datasheet HTML 5Page - Sames PM2005FPD Datasheet HTML 6Page - Sames PM2005FPD Datasheet HTML 7Page - Sames PM2005FPD Datasheet HTML 8Page - Sames PM2005FPD Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
sames
PM2005FPD
4/12
http://www.sames.co.za
http://www.sames.co.za
Figure 4: Current Input Configuration
R1
2.7k
R2
2.7k
R26
3.6R
CT1
TZ76
GND
I1 In
Neutral
Pin 19
Pin 18
The capacitors C1, C2 and C3 is used to compensate for
phase shifts between the SA2005 voltage sense inputs and
current sense inputs. The on-board Ct’s were characterized
and found to have a constant phase shift of 0.18 degrees. The
value of the phase shift compensation capacitors were
calculated as follows:
C = 1 / (2 x
x Mains frequency x R5 x tan (Phase shift angle))
C = 1 / (2 x
x 50 x 1M
x tan (0.18 degrees))
C = 1.013µF
p
pW
Figure 5: Mains Voltage Divider
R8
1M
R13
22k
V1In
C1
1u
GND
P1
10k
R22
82k
R23
100k
R24
82k
R25
100k
J3
Pin 17
Neutral
CIRCUIT DESCRIPTION
ANALOG SECTION
BIAS RESISTOR
The analog (metering) interface described in this section is
designed for measuring 3x
with precision better
than Class 1.
The most important external components for the SA2005F
integrated circuit are the current sense resistors, the voltage
sense resistors and the bias setting resistor. The resistors
used in the metering section should be of the same type so that
temperature effects are minimized.
Pin VREF (SA2005F pin 15) is connected to VSS via R7 which
determines the on chip bias current. With R7 = 24k
optimum
conditions are set. VREF does not require any additional
circuitry.
The voltage drop across the CT termination resistor at rated
current should be at least 16mV. The CT’s used have low
phase shift and a ratio of 1:2500. The CT is terminated with a
3.6
resistor giving a voltage drop across the termination
resistor of 86.4mV at rated conditions (Imax for the meter).
Referring to figure 4 the resistors R1 and R2 define the current
levels into the SA2005’s current sense inputs (phase on IIP1
and IIN1). The resistor values are selected for an input current
of 16µA into the current inputs at rated conditions. According to
the equation described in the Current Sense inputs section of
the datasheet:
R1=R2=(I / 16µA)xR
/2
=
/ 2500 / 16µA x
/ 2
= 2.7k
I Line current / CT Ratio
The three current channels are identical so R1=R2=R3=R4=
R5=R6.
W
W
W
W
CT TERMINATION RESISTOR
CURRENT SENSOR INPUT RESISTORS
=
SH
230V/60A
60A
3.6
VOLTAGE DIVIDER
Referring to figure 5 the connections for the voltage sense
input for one phase is shown. The current into the A/D
converter (IVP) is set 14µA
at nominal mains voltage. This
voltage sense input saturates at approximately 17µA
. A
nominal voltage current of 14µA allows for 20% over driving.
Each mains voltage is divided down by a voltage divider to 14V.
The current into the voltage sense input is set at 14µA via a
1M
resistor.
The following equation is used to calculate the 14V voltage
drop:
RA = R22 + R23 + R24 + R25
RB = R8 || (R13 + P1)
Combining the two equations gives:
( RA + RB ) / 230V = RB / 14V
A 24k
resistor is chosen for R13 and P1 combined. A 1M
resistor is used for R8.
Substituting the values result in:
RB = 23.44k
RA = RB x ( 230V / 14V - 1 )
RA = 361.6k
Resistor values of R22, R24 are chosen to be 82k
and
resistors R23 and R25 is chosen to be 100k
each.
The three voltage channels are identical so
R14 = R16 = R18 = R20 = R22 = R24 = 82k and R15 = R17 =
R19 = R21 = R23 = R25 = 100k
RMS
RMS
W
WW
W
W
W
W
W
PRELIMINARY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com