Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM2102DPD Datasheet(PDF) 13 Page - Sames

Part # PM2102DPD
Description  Energy Meter Evaluation Module
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

PM2102DPD Datasheet(HTML) 13 Page - Sames

Back Button PM2102DPD Datasheet HTML 8Page - Sames PM2102DPD Datasheet HTML 9Page - Sames PM2102DPD Datasheet HTML 10Page - Sames PM2102DPD Datasheet HTML 11Page - Sames PM2102DPD Datasheet HTML 12Page - Sames PM2102DPD Datasheet HTML 13Page - Sames PM2102DPD Datasheet HTML 14Page - Sames PM2102DPD Datasheet HTML 15Page - Sames PM2102DPD Datasheet HTML 16Page - Sames  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
sames
PM2102DPD
15/16
http://www.sames.co.za
13/16
http://www.sames.co.za
PRELIMINARY
EVALUATION BOARD COMPONENT LIST
Designator
Value
Description
Detail
C1, C2
220nF
Capacitor Monolithic Ceramic
C3, C4
100µF/16V
Capacitor Electrolytic Radial
C5
470nF/250VAC
Capacitor Polyester, X2 or X3
Note 1
C6
820nF
Capacitor Monolithic Ceramic
C7
1µF / 100V
Capacitor Electrolytic Radial, Non-Polarised
Note 3
C8
2200µF/25V
Capacitor Electrolytic Radial
C9, C10
10µF/16V
Capacitor Tantalum
CNT1
Kuebler,
K07.80.240
Impulse counter
CT
TZ76V
TAEHWATRANS
optional CT not fitted
D1, D2
1N4148
Silicon Diode
D3, D4
TL431
Precision Shunt Regulator,
TO-92 Package.
J1
DIR
3 Pin SIP
Note 2
J2
DIRO
Single pin
J3
L
7 Pin SIP
J4
R
8 Pin SIP
J5
GND Enable
2 Pin SIP
Note 3
J6
Count On
2 Pin SIP
J7
VDD Enable
2 Pin SIP
J8
VSS Enable
2 Pin SIP
J11
R2
3 Pin SIP
J12
R1
3 Pin SIP
J13
R0
3 Pin SIP
J14
Fast
3 Pin SIP
J15
CNF
3 Pin SIP
J16
Voltage
2 Pin SIP
J17
VDD
Single pin
J18
GND
Single pin
J19
VSS
Single pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com