Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM2102DPD Datasheet(PDF) 4 Page - Sames

Part # PM2102DPD
Description  Energy Meter Evaluation Module
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

PM2102DPD Datasheet(HTML) 4 Page - Sames

  PM2102DPD Datasheet HTML 1Page - Sames PM2102DPD Datasheet HTML 2Page - Sames PM2102DPD Datasheet HTML 3Page - Sames PM2102DPD Datasheet HTML 4Page - Sames PM2102DPD Datasheet HTML 5Page - Sames PM2102DPD Datasheet HTML 6Page - Sames PM2102DPD Datasheet HTML 7Page - Sames PM2102DPD Datasheet HTML 8Page - Sames PM2102DPD Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
sames
PM2102DPD
4/16
http://www.sames.co.za
PRELIMINARY
Table 2: Jumper options
Name
Connecting to VSS will allow only negative energy to be measured.
Option
Description
J1
VSS (-)
Connecting to VDD will allow only positive energy to be measured.
VDD (+)
Connecting to jumper J2 will allow bi-directional energy measurement.
J2
Connected to J1 allows for bi-directional energy measurement.
J2
J1
These are digital test pins placed immediately next to the device for convenient testing.
J3
N/A
These are digital test pins placed immediately next to the device for convenient testing.
J4
N/A
This jumper must be closed when measurement is done via a CT. The jumper connects one side
of the current sense resistor to ground.
J5
Closed
Leave this jumper open when a shunt is used.
Open
Closing this jumper enables the onboard mechanical counter.
J6
Closed
Leave unconnected if the onboard mechanical counter is not to be used, or if a stepper motor
counter is used.
Open
This jumper connects the VDD rail of the onboard power supply to the rest of the circuit. Leave
open if an external source is to be used.
J7
(Used in
conjunction
with J8)
Open
This jumper must be closed to connect the onboard power supply VDD rail to the circuit.
Closed
This jumper connects the VSS rail of the onboard power supply to the rest of the circuit. Leave
open if an external source is to be used.
J8
(Used in
conjunction
with J7)
Open
This jumper must be closed to connect the onboard power supply VDD rail to the circuit.
Closed
Used to select the required rated conditions. See table 3 and figure 6 for further detail on the
various settings possible.
J11
VDD (+)
VSS
Used to select the required rated conditions. See table 3 and figure 6 for further detail on the
various settings possible.
J12
VDD (+)
VSS
Used to select the required rated conditions. See table 3 and figure 6 for further detail on the
various settings possible.
J13
VDD (+)
VSS
Used to select between fast and normal pulse output mode. When connected to VSS the normal pulse
output mode is selected.
J14
VSS
Connection to VDD selects the fast output pulse mode.
VDD (+)
This selects the IC manufacturers test mode for normal metering. Connect to VSS.
J15
VSS
This jumper selects between 220V and 110V supply networks. Leaving this jumper open (default)
selects a 220V network.
J16
Open
Closing this jumper selects a 110V network. See power supply design when opting for the
110V setting.
Closed
This is a test pin connected to the VDD power supply. If opting for an external supply, the VDD rail
can be connected here after J7 is removed.
J17
N/A
Ground connection pin. Use this pin to connect the external supply mid-rail point.
J18
N/A
This is a test pin connected to the VSS power supply. If opting for an external supply, the VSS rail
can be connected here after J8 is removed.
J19
N/A
When fast mode is selected this input can be used to enable or disable the internal pulse stability
circuitry for the LED output pulses. Connecting to VSS disables this circuitry.
SO
VSS (-)
Connecting to VDD enables this circuitry.
VDD (+)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com