Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM2102DPD Datasheet(PDF) 5 Page - Sames

Part # PM2102DPD
Description  Energy Meter Evaluation Module
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

PM2102DPD Datasheet(HTML) 5 Page - Sames

  PM2102DPD Datasheet HTML 1Page - Sames PM2102DPD Datasheet HTML 2Page - Sames PM2102DPD Datasheet HTML 3Page - Sames PM2102DPD Datasheet HTML 4Page - Sames PM2102DPD Datasheet HTML 5Page - Sames PM2102DPD Datasheet HTML 6Page - Sames PM2102DPD Datasheet HTML 7Page - Sames PM2102DPD Datasheet HTML 8Page - Sames PM2102DPD Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
sames
PM2102DPD
5/16
http://www.sames.co.za
Table 3: DF_LED and DF_MO factors for SA2102D
Figure 6: Jumper positions
For selection as indicated: Pulse stability enabled, fast mode with power supply enabled
R2
0
0
0
0
1
1
1
R1
0
0
1
1
0
0
1
R0
0
1
0
1
0
1
0
DF_LED
322
322
322
322
536
214
214
DF_MO
64
32
16
8
64
16
8
PRELIMINARY
Analog Ground (GND)
The GND pin of the SA2102D is connected to the live phase,
which is halfway between V and V .
The PM2102DPD evaluation module comes with several
jumper selections, which allows the user to evaluate all of the
DD
SS
Selection of R1, R2 and R0 for different rated conditions
The following equations and table state the basic pulse
constants and motor constants obtainable with the
PM2102DPD meter.
The Output pulse equation is:
LED p/kWh = 1160p/sec x (1/DF_LED) x [3600/((Vnom x Imax)
/ 1000)]
The equation for the motor constant is:
MOTOR p/kWh = LED p/kWh / DF_MO
where dividing factors
and
are described in
Table 3 (R2, R1 and R0 are input pins for SA2102D).
DF_LED
DF_MO
In the above table a “1” implies that the selector is connected
to VDD.
SA2102D's functionality. Tables 1 and 2 describe the various
jumper options. These tables should be used in conjunction
with figure 6, which will make it easier to locate the appropriate
jumper.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com