Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM2102DPD Datasheet(PDF) 2 Page - Sames

Part # PM2102DPD
Description  Energy Meter Evaluation Module
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

PM2102DPD Datasheet(HTML) 2 Page - Sames

  PM2102DPD Datasheet HTML 1Page - Sames PM2102DPD Datasheet HTML 2Page - Sames PM2102DPD Datasheet HTML 3Page - Sames PM2102DPD Datasheet HTML 4Page - Sames PM2102DPD Datasheet HTML 5Page - Sames PM2102DPD Datasheet HTML 6Page - Sames PM2102DPD Datasheet HTML 7Page - Sames PM2102DPD Datasheet HTML 8Page - Sames PM2102DPD Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
ANALOG INPUT
The PM2102DPD module connects directly to Live and Neutral
supply lines by means of a Molex connector (SCK1), and the
current is measured by using a shunt on the module. The live
is connected to the left terminal of the shunt and live out to the
right (as seen in Fig 2 below). The module is setup for a 80A,
220V shunt sensing application using a 625µ
shunt.
W
sames
PM2102DPD
2/16
http://www.sames.co.za
PRELIMINARY
Table 1: External connector descriptions
Name Function Description
Optional Stepper motor connector. (Remove
jumper J6 to disconnect impulse counter)
Mains connector for module power and voltage
sense
Optional current transformer connector.
(Underneath shunt resistor)
SCK1
JP2
JP3
Figure 2: Current and mains voltage connection diagram
Please take note that the module is referenced to live, and
care must be taken when connecting non-isolated test
equipment to the module.
As an option a stepper motor counter can be directly
connected to JP3 and JP2 is used to connect a CT as current
sensing element.
The resistor values are chosen in such a way that shorting
jumper J16 halfs the voltage on the voltage divider output. This
feature makes the module compatible for both 220V and 110V
supply networks.
Ignoring jumper J16 the values of RA and RB can be calculated
as follows:
RA = R1 + R2 + R3 + R15
RB = R12 || (R11 + 0.5P1)
The center position of P1 is used in the equation to ensure that
calibration can be done by adjusting P1 to a higher or lower
value.
Combining the two equations gives:
(RA + RB) / 220V = RB / 14V
Values for resistors were selected as R10 = 47 , R11 = 22k ,
P1 = 10k
and R12 = 1M .
Substituting the values result in:
RB = 26.29k
RA = RB x (220V / 14V -1)
RA = 386.84k
Choosing standard resistor values for R1, R2, R3, R15 and
keeping in mind that J16 must half the output voltage lead to
the following values:
WW
WW
W
W
The selection and positioning of the current and voltage sense
resistors as well as the biasing resistor is very important to
ensure the correct operation of the SA2102D. These resistors
must be of the same type as specified in the parts list to ensure
that temperature effects and noise susceptibility is minimized.
The voltage input of the SA2102D is driven with a current of
14µA
at the nominal rated main voltage. Please note that
this input will saturate with currents bigger than approximately
17µA
or 25µA
, which translates into a 20% overdrive
capability. This also ensures that the device will not saturate
with a 10% variance in mains voltage. The mains voltage is
divided down via a resistor network (see Figure 3) to 14V. This
voltage is fed to a 1M
resistor (R12) to realize the 14µA
.
VOLTAGE INPUT IVP
RM S
RM S
peak
RM S
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com