Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA4106ASAR Datasheet(PDF) 7 Page - Sames

Part # SA4106ASAR
Description  Single Channel Single Phase Energy
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA4106ASAR Datasheet(HTML) 7 Page - Sames

Back Button SA4106ASAR Datasheet HTML 3Page - Sames SA4106ASAR Datasheet HTML 4Page - Sames SA4106ASAR Datasheet HTML 5Page - Sames SA4106ASAR Datasheet HTML 6Page - Sames SA4106ASAR Datasheet HTML 7Page - Sames SA4106ASAR Datasheet HTML 8Page - Sames SA4106ASAR Datasheet HTML 9Page - Sames SA4106ASAR Datasheet HTML 10Page - Sames SA4106ASAR Datasheet HTML 11Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
SPEC-1587 (REV. 5)
7/18
29-09-2017
SA4106A
FUNCTIONAL DESCRIPTION
Theory of Operation
The SA4106A includes all the required functions for single
channel single phase power and energy measurement. Two
AD converters sample the voltage and current input signals.
The two digital signals, accurately representing the voltage
and current inputs, are multiplied using digital multiplication.
The output of the multiplier represents the instantaneous
power, which is subsequently low pass filtered and integrated
over time to remove the instantaneous components forming
the
averaged
instantaneous
energy.
This
energy
is
accumulated over time to form the outputs of the device.
For given voltage and current signals the instantaneous
power is calculated by:
����(����) = ����(����) × ����(����)
����(����) = �������� cos(�������� + ����) × �������� cos(�������� + ����)
Let
���� = ���� − ����, and ���������������� =
��������
√2
and
���������������� =
��������
√2
then
����(����) = �������� cos(�������� + ����) × �������� cos(�������� + ���� − ����)
����(����) = ��������������������������������(cos ���� + cos(2(�������� + ����) − ����))
where
p(t) is the instantaneous power,
v(t) is the instantaneous voltage signal,
i(t) is the instantaneous current signal,
VM is the amplitude of the voltage signal,
IM is the amplitude of the current signal,
is the phase angle of the voltage signal and
is the phase angle of the current signal.
The instantaneous power is low pass filtered to remove the
double mains frequency component cos(2(
t+)-) and is
then integrated over time to provide the average power
information
���� =
1
����
∫ ����(����)��������
����
0
���� = �������������������������������� cos ����
where
P is the average power and
cos
is the power factor.
Linearity
The SA4106A is a CMOS integrated circuit, which performs
power/energy calculations across a dynamic range of 500:1
to an accuracy that exceeds the IEC62053 specification.
Analog Inputs
The input circuitry of the current and voltage sensor inputs is
illustrated in Figure 5. These inputs are protected against
electrostatic
discharge
through
clamping
diodes.
The
feedback loops from the outputs of the amplifiers AI and AV
generate virtual short circuits between IIP and IIN as well as
IVP and AGND. The current sense inputs (IIP and IIN) are
identical and balanced. The AD converters convert the
signals on the voltage and current sense inputs to a digital
format for further processing. All internal offsets are
eliminated
through
the
use
of
various
cancellation
techniques.
Figure 5: Analog input configuration
Digital Outputs
The calculations required for power and energy are
performed and converted to pulses on the LED, MON and
MOP outputs. The complimentary output pins MON and MOP
are provided for driving a stepper motor counter directly. The
output frequency on the LED output is, in both STANDARD
and FAST mode, proportional to the average active power
consumption measured. The FAST mode is intended for fast
meter calibration and verification purposes or for interfacing
the SA4106A to a microcontroller.
Anti-Creep Threshold
An integrated anti-creep function prevents any output pulses
on the LED output and the MON/MOP motor drive outputs
when the level of measured energy is below the anti-creep
threshold. This threshold is selectable between 0.01% and
A
I
IIN
IIP
VDD
VSS
VDD
VSS
A
V
IVP
VDD
VSS
AGND
VOLTAGE
SENSOR
INPUT
CURRENT
SENSOR
INPUT
CURRENT
CHANNEL
ADC
VOLTAGE
CHANNEL
ADC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com