Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA4106ASAR Datasheet(PDF) 4 Page - Sames

Part # SA4106ASAR
Description  Single Channel Single Phase Energy
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA4106ASAR Datasheet(HTML) 4 Page - Sames

  SA4106ASAR Datasheet HTML 1Page - Sames SA4106ASAR Datasheet HTML 2Page - Sames SA4106ASAR Datasheet HTML 3Page - Sames SA4106ASAR Datasheet HTML 4Page - Sames SA4106ASAR Datasheet HTML 5Page - Sames SA4106ASAR Datasheet HTML 6Page - Sames SA4106ASAR Datasheet HTML 7Page - Sames SA4106ASAR Datasheet HTML 8Page - Sames SA4106ASAR Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
SPEC-1587 (REV. 5)
4/18
29-09-2017
SA4106A
PIN DESCRIPTION
Designation
Pin No.
Description
AGND
20
Analog Ground. This is the reference pin for the current and voltage signal sensing
networks. The supply voltage to this pin should be mid-way between VDD and VSS.
VDD
8
Positive Supply Voltage. The voltage to this pin should be +2.5V ± 10% with respect to
AGND.
VSS
14
Negative Supply Voltage. The voltage to this pin should be -2.5V ± 10% with respect to
AGND.
IVP
19
Analog Input for Voltage. The maximum current into the voltage sense input IVP should be
set at 16µARMS. The voltage sense input saturates at an input current of ±25µA peak.
IIP, IIN
2, 1
Analog Inputs for Current. The maximum current into the current sense inputs IIP/IIN should
be set at 16µARMS. The current sense inputs saturate at an input current of ±25µA peak.
VREF
3
This pin provides the connection for the reference current setting resistor. A 47k
 resistor
connected to VSS sets the optimum operating conditions.
R0, R1, R2, R3
6, 5, 4, 11
Rated Condition Select inputs. These input pins are used for selecting between the different
rated condition configurations. Refer to the Rated Condition Select section.
FMS
7
Fast Mode Select input. This three state input is used to select between STANDARD and
FAST mode and provides an extended selection of meter constants. Refer to the Rated
Condition Select and Fast Mode Select sections.
DIRI
18
Direction Select input. This input is used to enable either bidirectional or unidirectional
energy measurement.
ACSEL
9
Anti-Creep Threshold Select input. This three state input is used to select the anti-creep
threshold. It is also used to deactivate the anti-creep feature. Refer to the Anti-Creep
Threshold Select section.
ACST
16
Anti-Creep State output. This output pin indicates the state of the anti-creep circuit. Refer
to the Anti-Creep State Output section.
DIRO
17
Direction Indicator output. This output indicates the direction of energy flow.
LED
13
Calibration LED output. Refer to the Rated Condition Select section for the pulse rate output
options.
MON, MOP
15, 12
Motor pulse outputs. These outputs can drive an electro-mechanical counter directly. Refer
to the Rated Condition Select section for the pulse rate output options.
NC
10
No connection, leave unconnected.
Figure 3: Pin connections
ORDERING INFORMATION
Part Number
Package
SA4106ASAR
SOIC20 (RoHS compliant)
1
2
3
4
5
6
7
8
20
19
18
17
IIN
IIP
VREF
R2
R1
R0
FMS
VDD
IVP
DIRI
DIRO
9
10
16
15
ACSEL
NC
ACST
MON
AGND
14
13
VSS
LED
12
11
MOP
R3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com