Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA4106ASAR Datasheet(PDF) 12 Page - Sames

Part # SA4106ASAR
Description  Single Channel Single Phase Energy
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA4106ASAR Datasheet(HTML) 12 Page - Sames

Back Button SA4106ASAR Datasheet HTML 8Page - Sames SA4106ASAR Datasheet HTML 9Page - Sames SA4106ASAR Datasheet HTML 10Page - Sames SA4106ASAR Datasheet HTML 11Page - Sames SA4106ASAR Datasheet HTML 12Page - Sames SA4106ASAR Datasheet HTML 13Page - Sames SA4106ASAR Datasheet HTML 14Page - Sames SA4106ASAR Datasheet HTML 15Page - Sames SA4106ASAR Datasheet HTML 16Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
SPEC-1587 (REV. 5)
12/18
29-09-2017
SA4106A
Table 4: continued
IMAX
Dividing Factors
LED Output
Motor Output
(A)
DF_LED
DF_MO
(imp/kWh)
(imp/kWh)
30
584
32
3200
100
30
1168
16
1600
100
30
584
16
3200
200
30
1168
8
1600
200
30
292
16
6400
400
30
584
8
3200
400
40
220
64
6400
100
40
440
32
3200
100
40
880
16
1600
100
40
1760
8
800
100
40
220
32
6400
200
40
440
16
3200
200
40
880
8
1600
200
40
1760
4
800
200
50
352
32
3200
100
50
704
16
1600
100
50
352
16
3200
200
50
704
8
1600
200
60
584
16
1600
100
60
1168
8
800
100
60
292
16
3200
200
60
584
8
1600
200
80
220
32
3200
100
80
440
16
1600
100
80
880
8
800
100
80
1760
4
400
100
100
352
16
1600
100
100
704
8
800
100
120
292
16
1600
100
120
584
8
800
100
150
234
16
1600
100
150
468
8
800
100
Figure 9: LED pulse output waveform
OUTPUT SIGNALS
LED Output (LED)
The LED output pin provides a pulse output with a frequency
proportional to the average active energy consumption
measured when in STANDARD mode or FAST mode. A low
pass filter is applied to the instantaneous energy output
directly
after
multiplication.
This
filtering
allows
all
instantaneous components to be removed resulting in a
constant output frequency at constant energy input, even
over a short period of time. The delay of this filter is about
200ms.
The LED output is primarily used for calibration purposes.
The Rated Condition Select inputs (R0, R1, R2, R3) and the
Fast Mode Select input (FMS) allow different nominal output
frequencies to be selected. The FMS input also allows
selection between STANDARD mode and FAST mode. The
LED output is active low. Figure 9 shows the LED output
waveform.
In FAST mode the LED pulse output is set to a nominal
frequency of 5kHz at an input current of 16µARMS on both the
current and voltage channels.
The nominal output frequency of the LED pin is given by
����������������_���������������� = 5000 ×
������������ × ������������ × |cos ����|
162
…(3)
in FAST mode and by
����������������_������������ =
����������������_����������������
��������_������������
…(4)
in STANDARD mode where
IVP and IIP are the analog input currents in µARMS on the
voltage and current sense inputs,
is the phase angle between the current and voltage signals
and
DF_LED is the LED divider selected by R0, R1, R2, R3 and
FMS according to Table 3.
The timing values given below are based on the nominal
frequency value of the internal oscillator.
tL = 1/fLED_FAST in FAST mode (fLED_FAST as per Equation 3)
= 1/fLED_STD in STANDARD mode (fLED_STD as per
Equation 4)
tLP = 91.5ms when tL > 183ms in STANDARD mode
= tL/2 when tL < 183ms in STANDARD mode
= 69μs in FAST mode
t
LP
t
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com