Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA4106ASAR Datasheet(PDF) 13 Page - Sames

Part # SA4106ASAR
Description  Single Channel Single Phase Energy
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA4106ASAR Datasheet(HTML) 13 Page - Sames

Back Button SA4106ASAR Datasheet HTML 9Page - Sames SA4106ASAR Datasheet HTML 10Page - Sames SA4106ASAR Datasheet HTML 11Page - Sames SA4106ASAR Datasheet HTML 12Page - Sames SA4106ASAR Datasheet HTML 13Page - Sames SA4106ASAR Datasheet HTML 14Page - Sames SA4106ASAR Datasheet HTML 15Page - Sames SA4106ASAR Datasheet HTML 16Page - Sames SA4106ASAR Datasheet HTML 17Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
SPEC-1587 (REV. 5)
13/18
29-09-2017
SA4106A
Motor Pulse Output (MON, MOP)
The MON and MOP pins are complimentary outputs with a
frequency
proportional
to
the
average
active
power
consumption measured. These active high outputs can be
used to either directly drive a stepper motor counter or an
electro-mechanical impulse counter. The Rated Condition
Select inputs (R0, R1, R2, R3) as well as the Fast Mode
Select input (FMS) allow the selection of different output
frequencies corresponding to different meter constants.
Figure 10 indicates the timing of these signals.
The nominal output frequency of each motor output is given
by:
���������������� =
����������������_������������
��������_��������
where
…(5)
fLED_STD is the output frequency of the LED output in
STANDARD mode as per Equation 4 and
DF_MO is the motor divider selected by R0, R1, R2, R3 and
FMS according to Table 3
When connecting a stepper motor counter between MON and
MOP the output pulse rate is effectively doubled because the
pulses on both MON and MOP contribute to incrementing the
counter.
The timing values given below are based on the nominal
frequency value of the internal oscillator.
tM
= 1/fMOT (fMOT as per Equation 5)
tMP
= 220ms when tM > 440ms
= tM/2 when tM < 440ms
tMS
= tM/2
tMSP = tMS-tMP when tM > 440ms
= 6.7μs when tM < 440ms
Figure 10: Motor pulse output waveform
Anti-Creep State Output (ACST)
The state of the anti-creep circuit is available on the ACST
output pin. This pin allows the state of the anti-creep circuit to
be monitored. A low level on this pin indicates that the anti-
creep circuit has detected an energy level below the
threshold set by the ACSEL pin. In this state no pulses will be
emitted on the LED and the motor pulse outputs. A high level
indicates that the detected energy is above the anti-creep
threshold and pulses will be emitted on the LED and motor
pulse outputs. The ACST pin can be used to drive an LED to
indicate when the SA4106A has detected energy below or
above the anti-creep threshold. A power-on reset will set
ACST low and the pin will go high only once energy above
the anti-creep threshold has been detected. If the anti-creep
threshold is disabled the ACST pin will go high as soon as the
logic low on ACSEL has been detected and it will remain high,
regardless what level of energy is detected.
Direction Indicator Output (DIRO)
The direction of the energy flow may be ascertained by
monitoring the DIRO pin. A low level on this pin indicates
negative energy flow. Positive energy flow is indicated by a
high level. Should the energy (either negative or positive) be
less than the anti-creep threshold then this output will retain
its previous state. This prevents a flickering output in the case
of no or very low current flow. The DIRO pin may be used to
drive an LED. The state of the DIRO pin is updated on the
internal FAST mode pulses, regardless of whether the device
is set to FAST or STANDARD mode and what state DIRI is
set to. A power-on reset will set DIRO high and it will remain
high until negative energy above the anti-creep threshold is
detected. Table 5 illustrates the operation of the DIRO output.
Table 5: Operation of the DIRO output
Energy Level
|Phase Angle|
State of DIRO
< FMIN
0º - 360º
Previous State
> FMIN
< 90º
HIGH
> FMIN
> 90º
LOW
Note: FMIN is the anti-creep threshold if enabled
t
MP
t
MS
t
M
t
MSP
MON
MOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com