Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KWDPLS32.EC Datasheet(PDF) 10 Page - OSRAM GmbH

Part # KWDPLS32.EC
Description  Automotive Interior Lighting
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

KWDPLS32.EC Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button KWDPLS32.EC Datasheet HTML 6Page - OSRAM GmbH KWDPLS32.EC Datasheet HTML 7Page - OSRAM GmbH KWDPLS32.EC Datasheet HTML 8Page - OSRAM GmbH KWDPLS32.EC Datasheet HTML 9Page - OSRAM GmbH KWDPLS32.EC Datasheet HTML 10Page - OSRAM GmbH KWDPLS32.EC Datasheet HTML 11Page - OSRAM GmbH KWDPLS32.EC Datasheet HTML 12Page - OSRAM GmbH KWDPLS32.EC Datasheet HTML 13Page - OSRAM GmbH KWDPLS32.EC Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
2016-01-19
10
Version 1.3
KW DPLS32.EC
8F
0.3201
0.3534
5N
0.3822
0.3670
7U
0.4468
0.4077
0.3206
0.3462
0.3853
0.3776
0.4515
0.4168
0.3291
0.3617
0.3898
0.3716
0.4526
0.4090
0.3292
0.3539
0.3934
0.3825
0.4576
0.4183
4G
0.3294
0.3306
6N
0.3853
0.3776
8U
0.4515
0.4168
0.3295
0.3228
0.3885
0.3882
0.4562
0.4260
0.3363
0.3287
0.3934
0.3825
0.4576
0.4183
0.3366
0.3369
0.3970
0.3935
0.4625
0.4275
5G
0.3293
0.3384
7N
0.3885
0.3882
4V
0.4379
0.3814
0.3294
0.3306
0.3916
0.3987
0.4428
0.3906
0.3366
0.3369
0.3970
0.3935
0.4432
0.3826
0.3369
0.3451
0.4006
0.4044
0.4483
0.3919
6G
0.3292
0.3461
8N
0.3916
0.3987
5V
0.4428
0.3906
0.3293
0.3384
0.3947
0.4093
0.4477
0.3998
0.3369
0.3451
0.4006
0.4044
0.4483
0.3919
0.3373
0.3534
0.4042
0.4153
0.4534
0.4011
7G
0.3292
0.3461
4O
0.3863
0.3609
6V
0.4477
0.3998
0.3292
0.3539
0.3890
0.3690
0.4526
0.4090
0.3373
0.3534
0.3945
0.3648
0.4534
0.4011
0.3376
0.3616
0.3975
0.3731
0.4585
0.4104
8G
0.3291
0.3617
5O
0.3890
0.3690
7V
0.4526
0.4090
0.3292
0.3539
0.3916
0.3772
0.4576
0.4183
0.3376
0.3616
0.3975
0.3731
0.4585
0.4104
0.3379
0.3698
0.4006
0.3815
0.4636
0.4197
4H
0.3363
0.3287
6O
0.3916
0.3772
8V
0.4576
0.4183
0.3366
0.3369
0.3943
0.3853
0.4625
0.4275
0.3433
0.3341
0.4006
0.3815
0.4636
0.4197
0.3441
0.3428
0.4036
0.3898
0.4688
0.4290
5H
0.3366
0.3369
7O
0.3943
0.3853
4W
0.4432
0.3826
0.3369
0.3451
0.3970
0.3934
0.4483
0.3919
0.3441
0.3428
0.4036
0.3898
0.4485
0.3838
0.3448
0.3515
0.4067
0.3982
0.4538
0.3931
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com