Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KWDPLS32.EC Datasheet(PDF) 5 Page - OSRAM GmbH

Part # KWDPLS32.EC
Description  Automotive Interior Lighting
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

KWDPLS32.EC Datasheet(HTML) 5 Page - OSRAM GmbH

  KWDPLS32.EC Datasheet HTML 1Page - OSRAM GmbH KWDPLS32.EC Datasheet HTML 2Page - OSRAM GmbH KWDPLS32.EC Datasheet HTML 3Page - OSRAM GmbH KWDPLS32.EC Datasheet HTML 4Page - OSRAM GmbH KWDPLS32.EC Datasheet HTML 5Page - OSRAM GmbH KWDPLS32.EC Datasheet HTML 6Page - OSRAM GmbH KWDPLS32.EC Datasheet HTML 7Page - OSRAM GmbH KWDPLS32.EC Datasheet HTML 8Page - OSRAM GmbH KWDPLS32.EC Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
Version 1.3
KW DPLS32.EC
2016-01-19
5
Characteristics (TS = 25 °C; IF = 120 mA)
Kennwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Viewing angle at 50 % I
V
Abstrahlwinkel bei 50 % I
V
(typ.)
2ϕ
120
°
Forward voltage
2) page 28
Durchlassspannung
2) Seite 28
(min.)
(typ.)
(max.)
VF
VF
VF
2.80
3.15
3.40
V
V
V
Reverse current
Sperrstrom
IR
not designed for
reverse operation
Real thermal resistance junction / solder point
3) page 28
Realer Wärmewiderstand Sperrschicht / Lötpad
3) Seite 28
(typ.)
(max.)
R
th JS real
R
th JS real
36
50
K/W
K/W
"Electrical" thermal resistance junction / solder point
3) page 28
"Elektrischer" Wärmewiderstand Sperrschicht /
Lötpad 3) Seite 28
(with efficiency ηe = 35 %)
(typ.)
(max.)
Rth JS el
Rth JS el
23
33
K/W
K/W
Note:
Individual forward voltage groups see next page
Anm.:
Durchlassspannungsgruppen siehe nächste Seite



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com