Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KWDPLS32.EC Datasheet(PDF) 16 Page - OSRAM GmbH

Part # KWDPLS32.EC
Description  Automotive Interior Lighting
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

KWDPLS32.EC Datasheet(HTML) 16 Page - OSRAM GmbH

Back Button KWDPLS32.EC Datasheet HTML 12Page - OSRAM GmbH KWDPLS32.EC Datasheet HTML 13Page - OSRAM GmbH KWDPLS32.EC Datasheet HTML 14Page - OSRAM GmbH KWDPLS32.EC Datasheet HTML 15Page - OSRAM GmbH KWDPLS32.EC Datasheet HTML 16Page - OSRAM GmbH KWDPLS32.EC Datasheet HTML 17Page - OSRAM GmbH KWDPLS32.EC Datasheet HTML 18Page - OSRAM GmbH KWDPLS32.EC Datasheet HTML 19Page - OSRAM GmbH KWDPLS32.EC Datasheet HTML 20Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
2016-01-19
16
Version 1.3
KW DPLS32.EC
Relative Forward Voltage 4) page 28
Relative Vorwärtsspannung 4) Seite 28
ΔVF = VF - VF(25 °C) = f(Tj); IF = 120 mA
Relative Luminous Flux 4) page 28
Relativer Lichtstrom 4) Seite 28
ΦV/ΦV(25 °C) = f(Tj); IF = 120 mA
Chromaticity Coordinate Shift 4) page 28
Farbortverschiebung 4) Seite 28
ΔCx, ΔCy = f(Tj); IF = 120 mA
KW DPLS32.EC
-40
-20
0
20
40
60
80
100
Tj [°C]
-0,3
-0,2
-0,1
0,0
0,1
0,2
0,3
∆VF [V]
KW DPLS32.EC
-40
-20
0
20
40
60
80
100
Tj [°C]
0,0
0,2
0,4
0,6
0,8
1,0
1,2
Φv
Φ
v(25°C)
KW DPLS32.EC
-40
-20
0
20
40
60
80
100
Tj [°C]
-0,03
-0,02
-0,01
0,00
0,01
0,02
0,03
∆Cx
∆Cy
: Cx - 5700K
: Cy - 5700K
: Cx - 3000K
: Cy - 3000K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com