Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KL5KUSB201 Datasheet (PDF) - List of Unclassifed Manufacturers

KL5KUSB201 Datasheet PDF - List of Unclassifed Manufacturers
Part # KL5KUSB201
Download  KL5KUSB201 Download
File Size   183.85 Kbytes
Page   21 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description USB2.0 Compliant Transceiver Chip

KL5KUSB201 Datasheet (PDF)

Go To PDF Page Download Datasheet
KL5KUSB201 Datasheet PDF - List of Unclassifed Manufacturers

Part # KL5KUSB201
Download  KL5KUSB201 Click to download

File Size   183.85 Kbytes
Page   21 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description USB2.0 Compliant Transceiver Chip

KL5KUSB201 Datasheet (HTML) - List of Unclassifed Manufacturers


KL5KUSB201 Product details

[Kawasaki LSI ]

Overview
Kawasaki Microelectronics Inc. and Kawasaki LSI Inc. introduce KL5KUSB201 LSI, which is designed based on USB Specification revision 2.0 and operates as both USB2.0 High Speed and Full Speed transceiver chip. It has two modes – UTMI Specification compatible mode and Kawasaki Original mode. In Kawasaki Original mode, the LSI has several convenient function such as automatic CRC generation and verification, transmit packet abortion and automatic test packet generation for High Speed Signal Quality test.

Feature
    Process  0.18um CMOS
    Package  LQFP 80 pin plastic package
    Input Clock Frequency  48MHz
    Internal Clock Frequency  480MHz、48MHz and other
    Output Clock Frequency (CKOUT)  30MHz
    USB port  1 port (USB pin is separated for HS and FS)
    Parallel Data width (SIE_DAT) 16bit
    Power voltage  3.3± 0.3V、1.8± 0.15V
    Operation Current in FS  typical 50mA
    Operation Current in HS  typical 90mA
    Operation Current at suspend  1uA
    Ambient Temperature  0~70°C
   




Similar Part No. - KL5KUSB201

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KL5KUSB200 ETC1-KL5KUSB200 Datasheet
26Kb / 2P
USB2.0 Transceiver
More results


Similar Description - KL5KUSB201

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KL5KUSB200 ETC1-KL5KUSB200 Datasheet
26Kb / 2P
USB2.0 Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-2100 HP-HSDL-2100 Datasheet
119Kb / 16P
Infrared IrDA Compliant Transceiver
logo
Texas Instruments
TSLM1100 TI-TSLM1100 Datasheet
103Kb / 7P
IrDA COMPLIANT TRANSCEIVER
logo
CITIZEN ELECTRONICS CO....
CIM-51M7T CITIZEN-CIM-51M7T Datasheet
429Kb / 1P
Infrared IrDA Compliant Transceiver
CIM-51M7 CITIZEN-CIM-51M7 Datasheet
305Kb / 1P
Infrared IrDA Compliant Transceiver
CIM-51S12RV CITIZEN-CIM-51S12RV Datasheet
322Kb / 1P
Infrared IrDA Compliant Transceiver
CIM-86S7B CITIZEN-CIM-86S7B Datasheet
301Kb / 1P
Infrared IrDA Compliant Transceiver
CIM-131M7 CITIZEN-CIM-131M7 Datasheet
296Kb / 1P
Infrared IrDA Compliant Transceiver
CIM-150F7RV CITIZEN-CIM-150F7RV Datasheet
300Kb / 1P
Infrared IrDA Compliant Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-57R5APZ AVAGO-AFBR-57R5APZ_15 Datasheet
288Kb / 19P
RoHS Compliant Optical Transceiver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com