Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KL5KUSB201 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # KL5KUSB201
Description  USB2.0 Compliant Transceiver Chip
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

KL5KUSB201 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button KL5KUSB201 Datasheet HTML 2Page - List of Unclassifed Manufacturers KL5KUSB201 Datasheet HTML 3Page - List of Unclassifed Manufacturers KL5KUSB201 Datasheet HTML 4Page - List of Unclassifed Manufacturers KL5KUSB201 Datasheet HTML 5Page - List of Unclassifed Manufacturers KL5KUSB201 Datasheet HTML 6Page - List of Unclassifed Manufacturers KL5KUSB201 Datasheet HTML 7Page - List of Unclassifed Manufacturers KL5KUSB201 Datasheet HTML 8Page - List of Unclassifed Manufacturers KL5KUSB201 Datasheet HTML 9Page - List of Unclassifed Manufacturers KL5KUSB201 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Kawasaki USB device
KL5KUSB201
Datasheet (digest) rev 1.1E page 6/21
Copyright © 2002 Kawasaki Microelectronics Inc. Kawasaki LSI Inc. All rights reserved.
generation (optional), bit stuffed and NRZI encoded. Packet is transmitted onto
USB bus with SYNC and EOP attached
5. USB Bus status is delivered for outside SIE to monitor it
6. Function is controlled by Input Signals
7. Function defined by UTMI Specification is supported
8. Stand-alone Test packet generation for High Speed Signal Quality
1.2 KL5KUSB201 Product Feature
KL5KUSB201 Product Feature is shown below.
Table 1-2 KL5KUSB201 Product Feature
No
Item
Feature
1
Process
0.18um CMOS
2
Package
LQFP 80 pin plastic package
3
Input Clock Frequency
48MHz
4
Internal Clock Frequency
480MHz、48MHz and other
5
Output Clock Frequency
(CKOUT)
30MHz
6
USB port
1 port
(USB pin is separated for HS and FS)
7
Parallel Data width (SIE_DAT)
16bit
8
Power voltage
3.3±0.3V、1.8±0.15V
9
Operation Current in FS
typical 50mA
10
Operation Current in HS
typical 90mA
11
Operation Current at suspend
1uA
12
Ambient Temperature
0~70°C
Please contact to our sales and marketing person to request samples, datasheet,
USB201 IP and / or HS_SIE included ASCP planning.
2. Chip Architecture
Internal Architecture of KL5KUSB201 is shown in figure 2. The LSI consists of 6 major
blocks as follows. FrontEnd block transmits and receives USB signals. HS DLL
block is used to re-clock High Speed signals with internal 480MHz clock. EBUF block
is for buffering High Speed signals. Shared Logic block includes such function as
NRZI decode, bit un-stuffing, CRC check, serial to parallel conversion for both High
Speed and Full Speed USB signals. SIE_IF block interfaces with SIE bus signals. For
Full Speed operation, DPLL block is used to re-clock the Full Speed signals with



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com