Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KL5KUSB201 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # KL5KUSB201
Description  USB2.0 Compliant Transceiver Chip
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

KL5KUSB201 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button KL5KUSB201 Datasheet HTML 3Page - List of Unclassifed Manufacturers KL5KUSB201 Datasheet HTML 4Page - List of Unclassifed Manufacturers KL5KUSB201 Datasheet HTML 5Page - List of Unclassifed Manufacturers KL5KUSB201 Datasheet HTML 6Page - List of Unclassifed Manufacturers KL5KUSB201 Datasheet HTML 7Page - List of Unclassifed Manufacturers KL5KUSB201 Datasheet HTML 8Page - List of Unclassifed Manufacturers KL5KUSB201 Datasheet HTML 9Page - List of Unclassifed Manufacturers KL5KUSB201 Datasheet HTML 10Page - List of Unclassifed Manufacturers KL5KUSB201 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
Kawasaki USB device
KL5KUSB201
Datasheet (digest) rev 1.1E page 7/21
Copyright © 2002 Kawasaki Microelectronics Inc. Kawasaki LSI Inc. All rights reserved.
internal 12MHz clock instead of FrontEnd, HSDLL and EBUF blocks. For received
signals, the LSI locks them in HS DLL and is buffering them in EBUF. Then signals
are transferred to Shared Logic to convert data format, check the CRC, convert from
serial to parallel. The data is finally delivered to the SIE bus through SIE_IF. For
transmit operation, incoming parallel data is received in SIE_IF and sent to Shared
Logic to perform parallel to serial conversion, CRC generation, bit stuffing and NRZI
encoding. Finally the data is transmitted onto the USB bus through FrontEnd block.
High Speed or Full Speed operation is selected by SIE control signals. USB bus status
can be monitored by USB bus status signals.
Figure 2
KL5KUSB201 Internal Architecture
HS
FrontEnd
FS
FrontEnd
SIE_IF
STATUS
CLK
GEN
SIE_DAT
RPU_ENA
FSDP
FSDM
HSDP
HSDM
External
48MHz clock
USB bus
SIE bus
HS
DLL
EBUF
Shared
Logic
DPLL
CTRL
CKOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com