Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KL5KUSB201 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # KL5KUSB201
Description  USB2.0 Compliant Transceiver Chip
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

KL5KUSB201 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  KL5KUSB201 Datasheet HTML 1Page - List of Unclassifed Manufacturers KL5KUSB201 Datasheet HTML 2Page - List of Unclassifed Manufacturers KL5KUSB201 Datasheet HTML 3Page - List of Unclassifed Manufacturers KL5KUSB201 Datasheet HTML 4Page - List of Unclassifed Manufacturers KL5KUSB201 Datasheet HTML 5Page - List of Unclassifed Manufacturers KL5KUSB201 Datasheet HTML 6Page - List of Unclassifed Manufacturers KL5KUSB201 Datasheet HTML 7Page - List of Unclassifed Manufacturers KL5KUSB201 Datasheet HTML 8Page - List of Unclassifed Manufacturers KL5KUSB201 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Kawasaki USB device
KL5KUSB201
Datasheet (digest) rev 1.1E page 5/21
Copyright © 2002 Kawasaki Microelectronics Inc. Kawasaki LSI Inc. All rights reserved.
1. Overview
Kawasaki Microelectronics Inc. and Kawasaki LSI Inc. introduce KL5KUSB201 LSI,
which is designed based on USB Specification revision 2.0 and operates as both
USB2.0 High Speed and Full Speed transceiver chip. It has two modes – UTMI
Specification compatible mode and Kawasaki Original mode. In Kawasaki Original
mode, the LSI has several convenient function such as automatic CRC generation and
verification, transmit packet abortion and automatic test packet generation for High
Speed Signal Quality test. The LSI is recognized as USB2.0 PHY chip and customers
are able to build up USB2.0 compliant device system with their logic and PHY control /
endpoint buffer function (SIE), which is available by Kawasaki or other IP vendor.
Figure 1. KL5KUSB201 Image
1.1 Chip Functionality
KL5KUSB201 Fucntionality is summarized below.
1. HS Chirp Signal Generation and Detection
2. Support for both High Speed (480Mbit/sec) and Full Speed (12Mbit/sec)
3. For received packet, phase lock, buffering, SYNC detection, NRZI decode, bit
un-stuffing, CRC error detection (optional), serial to parallel conversion are
performed. 16bit data is drived on SIE bus
4.For packet transmission, parallel 16bit data is received, serialized, CRC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com