Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KL5KUSB201 Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # KL5KUSB201
Description  USB2.0 Compliant Transceiver Chip
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

KL5KUSB201 Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button KL5KUSB201 Datasheet HTML 11Page - List of Unclassifed Manufacturers KL5KUSB201 Datasheet HTML 12Page - List of Unclassifed Manufacturers KL5KUSB201 Datasheet HTML 13Page - List of Unclassifed Manufacturers KL5KUSB201 Datasheet HTML 14Page - List of Unclassifed Manufacturers KL5KUSB201 Datasheet HTML 15Page - List of Unclassifed Manufacturers KL5KUSB201 Datasheet HTML 16Page - List of Unclassifed Manufacturers KL5KUSB201 Datasheet HTML 17Page - List of Unclassifed Manufacturers KL5KUSB201 Datasheet HTML 18Page - List of Unclassifed Manufacturers KL5KUSB201 Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
Kawasaki USB device
KL5KUSB201
Datasheet (digest) rev 1.1E page 15/21
Copyright © 2002 Kawasaki Microelectronics Inc. Kawasaki LSI Inc. All rights reserved.
8.2 Bulk OUT Transaction
Figure 8-2 shows the data timing of a Bulk OUT transaction from the host PC. When
the LSI receives OUT packet from the USB host, the LSI asserts RXACT and drives 3
bytes data received from the host. If the external SIE logic recognizes the OUT packet
is valid, it waits for the next DATA packet from USB host. If the SIE logic receives the
DATA packet correctly, it returns ACK.
Figure 8-2 Bulk OUT transaction
2'
RXACT (O)
USB Bus (IO)
SE0
O AEC
SYNC
SIE_DAT[7:0] (IO)
SIE_DAT[15:8] (IO)
TXACT (I)
SIE_DAT[7:0] (IO)
SIE_DAT[15:8] (IO)
ep
AE
OUT EC
2
DAT 3
4
n-1
n
....
....
D
3' 4'
n' C16
SE0
ep
SE0
ep
....
C1
C2
SE0
ACK
AK
SYNC
SYNC
9. USB2.0 LSI Family
This section introduces Kawasaki’s USB2.0 LSI family.
9.1 T&MT Evaluation Daughter Card (UUT)
The daughter card which is designed based on Transceiver and Macrocell Tester
(T&MT) Interface Specification is available for evaluating the KL5KUSB201 chip.
All necesary parts including the LSI, USB connector, resistors and crystal oscillator
are attached. With using your T&MT compatible controller, the function of the LSI is
able to be evaluated such as USB2.0 Test mode function, data transfer in High Speed
or Full Speed mode and verification of functionality with the external UTMI compatible
SIE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com