Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KL5KUSB201 Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # KL5KUSB201
Description  USB2.0 Compliant Transceiver Chip
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

KL5KUSB201 Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button KL5KUSB201 Datasheet HTML 13Page - List of Unclassifed Manufacturers KL5KUSB201 Datasheet HTML 14Page - List of Unclassifed Manufacturers KL5KUSB201 Datasheet HTML 15Page - List of Unclassifed Manufacturers KL5KUSB201 Datasheet HTML 16Page - List of Unclassifed Manufacturers KL5KUSB201 Datasheet HTML 17Page - List of Unclassifed Manufacturers KL5KUSB201 Datasheet HTML 18Page - List of Unclassifed Manufacturers KL5KUSB201 Datasheet HTML 19Page - List of Unclassifed Manufacturers KL5KUSB201 Datasheet HTML 20Page - List of Unclassifed Manufacturers KL5KUSB201 Datasheet HTML 21Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
Kawasaki USB device
KL5KUSB201
Datasheet (digest) rev 1.1E page 17/21
Copyright © 2002 Kawasaki Microelectronics Inc. Kawasaki LSI Inc. All rights reserved.
9.3 KL5BUDV002 LSI (U2PCI)
The KL5BUDV002 LSI is USB2.0 to PCI adapter chip, which consists of HS_SIE block,
PCI Interface block and data buffer RAM. With KL5KUSB201, chipset performs data
transfer with high throughput between USB2.0 and PCI bus. The chipset makes it easy
to build up a USB2.0 device system. Main feature of KL5BUDV002 LSI is as follows.
1. Directly connected with KL5KUSB201 and realizes USB2.0 data transfer in both
High Speed and Full Speed
2. Includes HS_SIE function and support up to 4 endpoints
Endpoint 0
Control Transfer
64Bytes buffer
Endpoint 1
Bulk OUT
512Bytes x2 buffers
Endpoint 2
Bulk IN
512Bytes x2 buffers
Endpoint 5
Interrupt IN
8Bytes buffer
(option)
3. Includes 33MHz, 32bit PCI bus interface
Target single access for memory mapped register access
Master burst access with 2 DMA master controllers for memory access
4. Independent Data buffers for data transmit and receive
5. USB configuration transfer is controlled by the external PCI controller.
Figure 9-3-1 KL5BUDV002 Symbol
KL5BUDV002
SIE bus
PCI bus
IDSEL
REQN
CLK
INTAN
AD[31:0]
TRDYN
TESTO
RSTN
GNTN
CKOUT
FS_HSN
RXACT
RXVLD
TXACT
TXRDY
SIE_DAT[15:0]
WDVLD
BSTAT[1:0]
URSTN
SUSPN
MODE[3:0]
CRCACT
CRCERR
RXERR
PU_SE0N
CBEN[3:0]
FRAMEN
IRDYN
Misc bus
PMODE[2:0]
TESTI[3:0]
PAR
DEVSELN
STOPN
VBDET
USB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com