Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KL5KUSB201 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # KL5KUSB201
Description  USB2.0 Compliant Transceiver Chip
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

KL5KUSB201 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button KL5KUSB201 Datasheet HTML 13Page - List of Unclassifed Manufacturers KL5KUSB201 Datasheet HTML 14Page - List of Unclassifed Manufacturers KL5KUSB201 Datasheet HTML 15Page - List of Unclassifed Manufacturers KL5KUSB201 Datasheet HTML 16Page - List of Unclassifed Manufacturers KL5KUSB201 Datasheet HTML 17Page - List of Unclassifed Manufacturers KL5KUSB201 Datasheet HTML 18Page - List of Unclassifed Manufacturers KL5KUSB201 Datasheet HTML 19Page - List of Unclassifed Manufacturers KL5KUSB201 Datasheet HTML 20Page - List of Unclassifed Manufacturers KL5KUSB201 Datasheet HTML 21Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
Kawasaki USB device
KL5KUSB201
Datasheet (digest) rev 1.1E page 21/21
Copyright © 2002 Kawasaki Microelectronics Inc. Kawasaki LSI Inc. All rights reserved.
10. References
10.1 USB2.0 Specification
Latest USB Specification, which describes both Full Speed and High Speed operation.
The specification is available from USB_IF web site. Following three specifications are
piled up to one zip file.
a. USB specification (April 27,2000)
b. errata to the USB2.0 specification (December 7,2000)
c. Mini-B connector Engineering Change Notice to the USB 2.0 specification
( http://www.usb.org/developers/docs.html )
10.2 UTMI Specification
This is the USB2.0 PHY function macro specification proposed by Intel Corp.
The interface between PHY and SIE is defined. It is downloadable from Intel site.
a. The USB 2.0 Transceiver Macrocell Interface, version 1.05(UTMI) specification
( http://developer.intel.com/technology/usb/spec.htm )
10.3 T&MT Interface Specification
This document is the macrocell test interface proposed by Intel Corp. To test PHY
efficiently, card dimensions, connector pin layout and interface signals are defined.
It is also downloadable from Intel web site.
a. The USB 2.0 Transceiver and Macrocell Tester (T&MT) Interface Specification
( http://developer.intel.com/technology/usb/spec.htm )
10.4 High Speed Board Design Guide
This document depicts the general guideline of High Speed USB device board design.
Design tips of handling the high speed signals are available in this document. This
document is downloadable from the Intel web site, too.
( http://developer.intel.com/technology/usb/spec.htm )
10.5 Kawasaki’s Datasheet
More detailed documents are available by Kawasaki. Please contact our sales person.
a. KL5KUSB201 datasheet
b. KL5BUDV002 datasheet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com